Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 282 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 282 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 278Page - Intel Corporation 82G33 Datasheet HTML 279Page - Intel Corporation 82G33 Datasheet HTML 280Page - Intel Corporation 82G33 Datasheet HTML 281Page - Intel Corporation 82G33 Datasheet HTML 282Page - Intel Corporation 82G33 Datasheet HTML 283Page - Intel Corporation 82G33 Datasheet HTML 284Page - Intel Corporation 82G33 Datasheet HTML 285Page - Intel Corporation 82G33 Datasheet HTML 286Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
282
Datasheet
8.2.22
HSRW—Mirror of Dev2 Func0 Hardware Scratch Read
Write
B/D/F/Type:
0/2/1/PCI
Address Offset:
60–61h
Default Value:
0000h
Access:
RO
Size:
16 bits
Bit
Access &
Default
Description
15:0
RO
0000h
Reserved
8.2.23
GDRST—Mirror of Dev2 Func0 Graphics Reset
B/D/F/Type:
0/2/1/PCI
Address Offset:
C0h
Default Value:
00h
Access:
RO
Size:
8 bits
This register is a mirror of the Graphics Reset Register in Device 2.
Bit
Access &
Default
Description
7:4
RO
0h
Reserved
3:2
RO
00b
Graphics Reset Domain (GRDOM):
00 = Full Graphics Reset will be performed (both render and display
clock domain resets asserted
01 = Reserved (Invalid Programming)
10 = Reserved (Invalid Programming)
11 = Reserved (Invalid Programming)
1
RO
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com