Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 429 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 429 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 425Page - Intel Corporation 82G33 Datasheet HTML 426Page - Intel Corporation 82G33 Datasheet HTML 427Page - Intel Corporation 82G33 Datasheet HTML 428Page - Intel Corporation 82G33 Datasheet HTML 429Page - Intel Corporation 82G33 Datasheet HTML 430Page - Intel Corporation 82G33 Datasheet HTML 431Page - Intel Corporation 82G33 Datasheet HTML 432Page - Intel Corporation 82G33 Datasheet HTML 433Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 437 page
background image
Testability
Datasheet
429
14.3
XOR Chains
The following tables lists the XOR chains.
Table 14-3. XOR Chain 0
Pin
Count
Ball
Signal Name
1
B33
FSB_DB_58
2
D35
FSB_DB_49
3
B40
FSB_DB_55
4
E41
FSB_DB_50
5
C40
FSB_DB_53
6
B41
FSB_DB_51
7
A32
FSB_DB_62
8
B35
FSB_DB_61
9
C33
FSB_DB_48
10
C35
FSB_DB_54
11
D38
FSB_DB_56
12
D37
FSB_DB_57
13
D42
FSB_DB_52
14
C34
FSB_DB_60
15
D32
FSB_DB_63
16
D33
FSB_DB_59
17
B34
FSB_DB_31
18
A37
FSB_DB_26
19
B39
FSB_DB_24
20
D41
FSB_DB_17
21
C42
FSB_DB_16
22
C39
FSB_DB_23
23
E37
FSB_DB_22
24
E35
FSB_DB_28
25
E42
FSB_DB_20
26
F38
FSB_DB_18
27
E39
FSB_DB_21
28
G33
FSB_DB_25
29
F33
FSB_DB_27
Table 14-3. XOR Chain 0
Pin
Count
Ball
Signal Name
30
G37
FSB_DB_19
31
H32
FSB_DB_30
32
K32
FSB_DB_29
33
F29
FSB_DB_41
34
H26
FSB_DB_44
35
J26
FSB_DB_46
36
G31
FSB_DB_37
37
F32
FSB_DB_33
38
F31
FSB_DB_39
39
E31
FSB_DB_35
40
J29
FSB_DB_40
41
M26
FSB_DB_47
42
L26
FSB_DB_45
43
J31
FSB_DB_32
44
K27
FSB_DB_43
45
L27
FSB_DB_42
46
K29
FSB_DB_38
47
K31
FSB_DB_36
48
M31
FSB_DB_34
49
J41
FSB_DB_11
50
R42
FSB_DB_4
51
F42
FSB_DB_15
52
M39
FSB_DB_5
53
F41
FSB_DB_14
54
G40
FSB_DB_13
55
J39
FSB_DB_9
56
K41
FSB_DB_12
57
N40
FSB_DB_3
58
N41
FSB_DB_6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com