Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 430 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 430 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 426Page - Intel Corporation 82G33 Datasheet HTML 427Page - Intel Corporation 82G33 Datasheet HTML 428Page - Intel Corporation 82G33 Datasheet HTML 429Page - Intel Corporation 82G33 Datasheet HTML 430Page - Intel Corporation 82G33 Datasheet HTML 431Page - Intel Corporation 82G33 Datasheet HTML 432Page - Intel Corporation 82G33 Datasheet HTML 433Page - Intel Corporation 82G33 Datasheet HTML 434Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 437 page
background image
Testability
430
Datasheet
Table 14-3. XOR Chain 0
Pin
Count
Ball
Signal Name
59
R41
FSB_DB_2
60
L42
FSB_DB_10
61
L41
FSB_DB_8
62
P41
FSB_DB_1
63
N42
FSB_DB_7
64
R40
FSB_DB_0
Table 14-4. XOR Chain 1
Pin
Count
Ball
#
Signal Name
1
L37
FSB_AB_6
2
N35
FSB_AB_15
3
L36
FSB_AB_7
4
L39
FSB_AB_4
5
M38
FSB_AB_11
6
L38
FSB_REQB_2
7
J37
FSB_REQB_4
8
N34
FSB_AB_10
9
L35
FSB_REQB_1
10
F40
FSB_REQB_0
11
M34
FSB_ADSTBB_0
12
M36
FSB_AB_13
13
N37
FSB_AB_12
14
J40
FSB_AB_5
15
K42
FSB_AB_8
16
R34
FSB_AB_14
17
N32
FSB_AB_9
18
N38
FSB_AB_16
19
G43
FSB_REQB_3
20
J42
FSB_AB_3
21
Y38
FSB_AB_33
22
Y34
FSB_AB_29
Table 14-4. XOR Chain 1
Pin
Count
Ball
#
Signal Name
23
V42
FSB_AB_30
24
R35
FSB_AB_26
25
U36
FSB_AB_24
26
U33
FSB_AB_25
27
Y39
FSB_AB_34
28
V33
FSB_AB_27
29
V36
FSB_AB_22
30
R38
FSB_AB_23
31
U34
FSB_ADSTBB_1
32
R37
FSB_AB_19
33
AA37
FSB_AB_35
34
U37
FSB_AB_17
35
N39
FSB_AB_18
36
V38
FSB_AB_31
37
R39
FSB_AB_21
38
Y36
FSB_AB_32
39
V35
FSB_AB_28
40
P42
FSB_AB_20
Table 14-5. XOR Chain 2
Pin
Count
Ball
#
Signal Name
1
G35
FSB_DSTBPB_1
2
H33
FSB_DSTBNB_1
3
U42
FSB_HITB
4
Y40
FSB_TRDYB
5
AA41
FSB_RSB_1
6
Y43
FSB_HITMB
7
G27
FSB_DSTBPB_2
8
H27
FSB_DSTBNB_2
9
M42
FSB_DSTBPB_0
10
M43
FSB_DSTBNB_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com