Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 118 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 118 Page - ams AG

Back Button AS3911B Datasheet HTML 114Page - ams AG AS3911B Datasheet HTML 115Page - ams AG AS3911B Datasheet HTML 116Page - ams AG AS3911B Datasheet HTML 117Page - ams AG AS3911B Datasheet HTML 118Page - ams AG AS3911B Datasheet HTML 119Page - ams AG AS3911B Datasheet HTML 120Page - ams AG AS3911B Datasheet HTML 121Page - ams AG AS3911B Datasheet HTML 122Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 155 page
background image
AS3911B – 118
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Capacitance Measurement Configuration Register
Figure 113:
Capacitance Measurement Configuration Register
Note(s) and/or Footnote(s):
1. Default setting is set at power-up and after Set Default command.
Address 3Ah: Capacitance Measurement Configuration
Register
Type: RW
Bit
Name
Default
Function
Comments
7cm_d3
0
Definition of
Δcm (difference to
reference which triggers
interrupt)
6cm_d2
0
5cm_d1
0
4cm_d0
0
3cm_aam
0
0: Exclude the IRQ measurement
1: Include the IRQ measurement
Include/exclude the
measurement which causes
IRQ (having difference >
Δcm
to reference) in
auto-averaging
2cm_aew1
0
00: 4
01: 8
10: 16
11: 32
Define weight of last
measurement result for
auto-averaging
1cm_aew0
0
0cm_ae
0
1: Use capacitance
measurement auto-averaging as
reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com