Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 121 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 121 Page - ams AG

Back Button AS3911B Datasheet HTML 117Page - ams AG AS3911B Datasheet HTML 118Page - ams AG AS3911B Datasheet HTML 119Page - ams AG AS3911B Datasheet HTML 120Page - ams AG AS3911B Datasheet HTML 121Page - ams AG AS3911B Datasheet HTML 122Page - ams AG AS3911B Datasheet HTML 123Page - ams AG AS3911B Datasheet HTML 124Page - ams AG AS3911B Datasheet HTML 125Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 121
Appl icatio n I n f o rm a t i o n
Power-up Sequence
At power-up, the AS3911B enters the Power-down mode. The
content of all registers is set to the default state.
1.
Firstly, the microcontroller after a power-up must
correctly configure the two IO configuration registers.
The content of these two registers defines operation
options related to hardware (power supply mode, Xtal
type, use of MCU_CLK clock, antenna operation mode).
2.
Configure the regulators. It is recommended to use
direct command Adjust Regulators to improve the
system PSRR.
3.
If implementing the LC tank tuning, then send the direct
command Calibrate Antenna.
4.
If using the AM modulation (ISO14443B for example),
then set the modulation depth in the AM Modulation
Depth Control Registerand send the command Calibrate
Modulation Depth.
5.
The AS3911B is now ready to operate.
Reader Operation
To begin with, the operation mode and data rate have to be
configured by writing the Mode Definition Register and Bit Rate
Definition Register. Additionally, the receiver and transmitter
operation options related to operation mode have to be
defined. This is done automatically by sending the direct
command Analog Preset. If more options are required apart
from those defined by Analog Preset, then such options must
be additionally set by writing the appropriate registers.
Next, the Ready mode has to be entered by setting the bit en
of the Operation Control Register. In this mode the oscillator is
started and the regulators are enabled. When the oscillator
operation is stable, an interrupt is sent.
Before sending any command to a transponder, the transmitter
and receiver have to be enabled by setting the bits rx_en and
tx_en. RFID protocols usually require that the reader field is
turned on for a while before sending the first command (5 ms
for ISO14443). General purpose timer can be used to count this
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com