Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 124 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 124 Page - ams AG

Back Button AS3911B Datasheet HTML 120Page - ams AG AS3911B Datasheet HTML 121Page - ams AG AS3911B Datasheet HTML 122Page - ams AG AS3911B Datasheet HTML 123Page - ams AG AS3911B Datasheet HTML 124Page - ams AG AS3911B Datasheet HTML 125Page - ams AG AS3911B Datasheet HTML 126Page - ams AG AS3911B Datasheet HTML 127Page - ams AG AS3911B Datasheet HTML 128Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 155 page
background image
AS3911B – 124
ams Datasheet: 2014-Jun-12 [v1-08]
A p pl i c at io n I n f o r m at i o n
Setting up AS3911B for ISO 14443A Anticollision
To setup the AS3911B for the ISO14443A anticollision following
steps are to be followed:
1.
The Initiator operation mode of AS3911B must be setup
for ISO 14443A in the Mode Definition Register (default
is already for ISO14443A).
2.
The Tx and Rx bit rates must be set up to default 106kbps
in the Bit Rate Definition Register.
3.
Set the antcl bit in the ISO14443A and NFC 106kb/s
Settings Register. This needs to be set before sending
the REQA (or WUPA). As a result of setting this bit, the
AS3911B will not trigger a framing error if in case the
collision occurs in the ATQA or during anticollision
procedure.
Note(s): This bit must be set to one for REQA, WUPA and
ANTOCOLLISION commands, for other commands it has to be
zero.
4.
Review and set the value for Mask Receive Timer
Register less than the Frame delay time as required by
the ISO14443A. And set the No-response Timer Register
1&No-response Timer Register 2 according to the
requirements. This is typically larger than the FDT.
Note(s): AS3911B offers the resolution of n/2 (64/fc - half steps)
compared to n (128/fc) as mentioned in 14443A so that the
receiver can be unmasked n/2 step before the actual
transmission from the PIC.
5.
According to ISO 14443A the FDT must be 1236/fc if last
transmitter bit if 1 or 1172/fc if last transmitter bit is 0.
As a simple rule one can follow the following.
Figure 119:
Selection of MRT & NRT for a given FDT
PCD to PICC
FDT
MRT < FDT – 64/fc
NRE > FDT + 64/fc
t
PICC to PCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com