Electronic Components Datasheet Search
  English  ▼

X  

AS3911B Datasheet(PDF) 125 Page - ams AG

Part # AS3911B
Description  NFC Initiator / HF Reader IC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911B Datasheet(HTML) 125 Page - ams AG

Back Button AS3911B Datasheet HTML 121Page - ams AG AS3911B Datasheet HTML 122Page - ams AG AS3911B Datasheet HTML 123Page - ams AG AS3911B Datasheet HTML 124Page - ams AG AS3911B Datasheet HTML 125Page - ams AG AS3911B Datasheet HTML 126Page - ams AG AS3911B Datasheet HTML 127Page - ams AG AS3911B Datasheet HTML 128Page - ams AG AS3911B Datasheet HTML 129Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 155 page
background image
ams Datasheet: 2014-Jun-12 [v1-08]
AS3911B – 125
Appl icatio n I n f o rm a t i o n
6.
The receiver and transmitter operation options related
to operation mode have to be defined. This is done
automatically by sending the direct command Analog
Preset. If different options are required apart from those
defined by Analog Preset, then such options must be
additionally set by writing the appropriate registers.
7.
Set rx_en and tx_en in the Operation Control Register.
RFID protocols usually require that the reader field is
turned on for a while before sending the first command
(5 ms for ISO14443). General purpose timer can be used
to count this time.
8.
The reply form PICC for the REQA, WUPA and replies
within ANTICOLLISION sequence before till before SAK
do not contain CRC. In this case the no_CRC_rx bit in the
Auxiliary Definition Register must be set to 1 (receive
without CRC) before sending these commands.
REQA and WUPA
Sending of these two commands is simple since they are
implemented as the AS3911B direct commands (Transmit REQA
and Transmit WUPA). The end of transmission of these
commands is signaled to microcontroller by an interrupt - IRQ
due to end of transmission). After the transmission is executed,
the AS3911B receiver automatically starts to observe the RFI
inputs to detect a transponder after the expiration of the Mask
Receive Timer.
As a response to REQA (or WUPA) all the PICC in the field respond
simultaneously with an ATQA. A collision can occur in this state
if there are PICC with different UID size or has the Bit frame
anticollision bits set differently. Hence it is important to set the
antcl bit to 1. If there is any IRQ (except I_nre) that AS3911B
signals, the microcontroller must consider as a valid presence
of tag and must proceed with the ANTICOLLISION procedure.
If more than one PICC are expected in the field, following
algorithm must be used to select multiple tags:
1.
Send REQA, if there was any answer continue
2.
Perform anticollision, and singulate one PICC
3.
Select the found Tag and send HLTA to move it to HALT
state
4.
Go to 1 and repeat this procedure till all the PICC are in
HALT state and all the UIDs have been extracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com