Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 84 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 84 Page - Intel Corporation

Back Button 376 Datasheet HTML 80Page - Intel Corporation 376 Datasheet HTML 81Page - Intel Corporation 376 Datasheet HTML 82Page - Intel Corporation 376 Datasheet HTML 83Page - Intel Corporation 376 Datasheet HTML 84Page - Intel Corporation 376 Datasheet HTML 85Page - Intel Corporation 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
(Continued)
Clock
Number
Instruction
Format
Counts
Of Data
Notes
Cycles
INTERRUPT INSTRUCTIONS
(Continued)
Bound e Out of Range
01100010
mod reg
r m
Interrupt 5 if Detect Value
if in Range
10
0
acdjop
if Out of Range
Via Interrupt or Trap Gate
to Same Privilege Level
71
14
cdjp
Via Interrupt or Trap Gate
to Different Privilege Level
111
14
cdjp
From 386 Task to 386 TSS via Task Gate
398
138
cdjp
INTERRUPT RETURN
IRET e Interrupt Return
11001111
To the Same Privilege Level (within Task)
42
5
acdjp
To Different Privilege Level (within Task)
86
5
acdjp
From 386 Task to 386 TSS
328
138
cdjp
PROCESSOR CONTROL
HLT e HALT
11110100
5
b
MOV e Move to and from ControlDebugTest Registers
CR0
from register
00001111
00100010
11eee reg
10
b
Register from CR0
00001111
00100000
11eee reg
6
b
DR0–3 from Register
00001111
00100011
11eee reg
22
b
DR6–7 from Register
00001111
00100011
11eee reg
16
b
Register from DR6–7
00001111
00100001
11eee reg
14
b
Register from DR0–3
00001111
00100001
11eee reg
22
b
NOP e No Operation
10010000
3
WAITeWait until BUSY Pin is Negated
10011011
6
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com