Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 88 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 88 Page - Intel Corporation

Back Button 376 Datasheet HTML 84Page - Intel Corporation 376 Datasheet HTML 85Page - Intel Corporation 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
376 EMBEDDED PROCESSOR
16-Bit Extensions of the
Instruction Set
Two prefixes the operand size prefix (66H) and the
effective address size prefix (67H) allow overriding
individually the default selection of operand size and
effective address size These prefixes may precede
any opcode bytes and affect only the instruction
they precede If necessary one or both of the prefix-
es may be placed before the opcode bytes The
presence of the operand size prefix (66H) and the
effective address prefix will allow 16-bit data opera-
tion and 16-bit effective address calculations
For instructions with more than one prefix the order
of prefixes is unimportant
Unless specified otherwise instructions with 8-bit
and 16-bit operands do not affect the contents of
the high-order bits of the extended registers
Encoding of Instruction Fields
Within the instruction are several fields indicating
register selection addressing mode and so on
ENCODING OF OPERAND LENGTH (w) FIELD
For any given instruction performing a data opera-
tion the instruction will execute as a 32-bit opera-
tion Within the constraints of the operation size the
w field encodes the operand size as either one byte
or the full operation size as shown in the table be-
low
w Field
Operand Size
Normal
with 66H Prefix
Operand Size
0
8 Bits
8 Bits
1
16 Bits
32 Bits
ENCODING OF THE GENERAL
REGISTER (reg) FIELD
The general register is specified by the reg field
which may appear in the primary opcode bytes or as
the reg field of the ‘‘mod rm’’ byte or as the rm
field of the ‘‘mod rm’’ byte
Encoding of reg Field When w Field
is not Present in Instruction
Register Selected
Register Selected
reg Field
with 66H Prefix
During 32-Bit
Data Operations
000
AX
EAX
001
CX
ECX
010
DX
EDX
011
BX
EBX
100
SP
ESP
101
BP
EBP
110
SI
ESI
111
DI
EDI
Encoding of reg Field When w Field
is Present in Instruction
Register Specified by reg Field
with 66H Prefix
reg
Function of w Field
(when w e 0)
(when w e 1)
000
AL
AX
001
CL
CX
010
DL
DX
011
BL
BX
100
AH
SP
101
CH
BP
110
DH
SI
111
BH
DI
Register Specified by reg Field
without 66H Prefix
reg
Function of w Field
(when w e 0)
(when w e 1)
000
AL
EAX
001
CL
ECX
010
DL
EDX
011
BL
EBX
100
AH
ESP
101
CH
EBP
110
DH
ESI
111
BH
EDI
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com