Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 20 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 376 Datasheet HTML 16Page - Intel Corporation 376 Datasheet HTML 17Page - Intel Corporation 376 Datasheet HTML 18Page - Intel Corporation 376 Datasheet HTML 19Page - Intel Corporation 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 95 page
background image
376 EMBEDDED PROCESSOR
NAME FLAT
name of the object module
EXTRN
c startupnear
this is the label jmped to after init
pe flag
equ 1
data selc
equ 20h
assume code is GDT 3
data GDT 4
INIT CODE
SEGMENT ER PUBLIC USE32
Segment base at 0ffffff80h
PUBLIC GDT DESC
gdt desc
dq
PUBLIC
START
start
cld
clear direction flag
smsw bx
check for processor (80376) at reset
test bl1
use SMSW rather than MOV for speed
jnz pestart
realstart
is an 80386 and in real mode
db 66h
force the next operand into 32-bit mode
mov eaxoffset gdt desc
move address of the GDT descriptor into eax
xor ebxebx
clear ebx
mov bhah
load 8 bits of address into bh
move blal
load 8 bits of address into bl
db 67h
db 66h
use the 32-bit form of LGDT to load
lgdt cs
ebx
the 32-bits of address into the GDTR
smsw ax
go into protected mode (set PE bit)
or alpe flag
lmsw ax
jmp next
flush prefetch queue
pestart
mov ebxoffset gdt desc
xor eaxeax
mov axbx
lower portion of address only
lgdt cs
eax
xor ebxebx
initialize data selectors
mov b1data selc
GDT 3
mov dsbx
mov ssbx
mov esbx
mov fsbx
mov gsbx
jmp pejump
next
xor ebxebx
initialize data selectors
mov b1data selc
GDT 3
mov dsbx
mov ssbx
mov esbx
mov fsbx
mov gsbx
db 66h
for the 80386
need to make a 32-bit jump
pejump
jmp far ptr c startup
but the 80376 is already 32-bit
org 70h
only if segment base is at 0ffffff80h
jmp short start
INIT CODE ENDS
END
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com