Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 64 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation 376 Datasheet HTML 65Page - Intel Corporation 376 Datasheet HTML 66Page - Intel Corporation 376 Datasheet HTML 67Page - Intel Corporation 376 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 64 80376 AC Characteristics at 16 MHz
(Continued)
Functional Operating Range VCC e 5V g10% TCASE e 0 C to 115 C for 88-pin PGA or 100-pin PQFP
Symbol
Parameter
Min
Max
Unit
Figure
Notes
t27
NMI INTR Setup Time
16
ns
64
(2)
t28
NMI INTR Hold Time
16
ns
64
(2)
t29
PEREQ ERROR BUSY FLT
16
ns
64
(2)
Setup Time
t30
PEREQ ERROR BUSY FLT
5
ns
64
(2)
Hold Time
NOTES
1 Float condition occurs when maximum output current becomes less than ILO in magnitude Float delay is not 100%
tested
2 These inputs are allowed to be asynchronous to CLK2 The setup and hold specifications are given for testing purposes
to assure recognition within a specific CLK2 period
3 These are not tested They are guaranteed by design characterization
4 Tested with CL set to 50 pF and derated to support the indicated distributed capacitive load See Figures 68 through 610
for capacitive derating curves
5 The 80376 does not have t17 or t18 timing specifications
Table 65 80376 AC Characteristics at 20 MHz
Functional Operating Range VCC e 5V g10% TCASE e 0 C to 115 C for 88-pin PGA or 100-pin PQFP
Symbol
Parameter
Min
Max
Unit
Figure
Notes
Operating Frequency
4
20
MHz
Half CLK2 Frequency
t1
CLK2 Period
25
125
ns
63
t2a
CLK2 HIGH Time
8
ns
63
At 2V(3)
t2b
CLK2 HIGH Time
5
ns
63
At (VCC b 08)V(3)
t3a
CLK2 LOW Time
8
ns
63
At 2V(3)
t3b
CLK2 LOW Time
6
ns
63
At 08V(3)
t4
CLK2 Fall Time
8
ns
63
(VCCb08V) to 08V(3)
t5
CLK2 Rise Time
8
ns
63
08V to (VCCb08)(3)
t6
A23–A1 Valid Delay
4
30
ns
65
CL e 120 pF(4)
t7
A23–A1 Float Delay
4
ns
66
(1)
t8
BHE BLE LOCK
4
30
ns
65
CL e 75 pF(4)
Valid Delay
t9
BHE BLE LOCK
4
32
ns
66
(1)
Float Delay
t10a
MIO DC
6
28
ns
65
CL e 75 pF(4)
Valid Delay
t10b
WR ADS
6
26
ns
65
CL e 75 pF(4)
Valid Delay
t11
WR MIO DC
6
30
ns
66
(1)
ADS Float Delay
t12
D15–D0 Write Data
4
38
ns
65
CL e 120 pF
Valid Delay
t13
D15–D0 Write Data
4
27
ns
66
(1)
Float Delay
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com