Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 92 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 92 Page - Intel Corporation

Back Button 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation 376 Datasheet HTML 93Page - Intel Corporation 376 Datasheet HTML 94Page - Intel Corporation 376 Datasheet HTML 95Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 95 page
background image
376 EMBEDDED PROCESSOR
Encoding of 32-bit Address Mode (‘‘mod rm’’ byte and ‘‘s-i-b’’ byte present)
mod base
Effective Address
00 000
DS EAXa(scaled index)
00 001
DS ECXa(scaled index)
00 010
DS EDXa(scaled index)
00 011
DS EBXa(scaled index)
00 100
SS ESPa(scaled index)
00 101
DS d32a(scaled index)
00 110
DS ESIa(scaled index)
00 111
DS EDIa(scaled index)
01 000
DS EAXa(scaled index)ad8
01 001
DS ECXa(scaled index)ad8
01 010
DS EDXa(scaled index)ad8
01 011
DS EBXa(scaled index)ad8
01 100
SS ESPa(scaled index)ad8
01 101
SS EBPa(scaled index)ad8
01 110
DS ESIa(scaled index)ad8
01 111
DS EDIa(scaled index)ad8
10 000
DS EAXa(scaled index)ad32
10 001
DS ECXa(scaled index)ad32
10 010
DS EDXa(scaled index)ad32
10 011
DS EBXa(scaled index)ad32
10 100
SS ESPa(scaled index)ad32
10 101
SS EBPa(scaled index)ad32
10 110
DS ESIa(scaled index)ad32
10 111
DS EDIa(scaled index)ad32
NOTE
Mod field in ‘‘mod rm’’ byte ss index base fields in
‘‘s-i-b’’ byte
ss
Scale Factor
00
x1
01
x2
10
x4
11
x8
index
Index Register
000
EAX
001
ECX
010
EDX
011
EBX
100
no index reg
101
EBP
110
ESI
111
EDI
IMPORTANT NOTE
When index field is 100 indicating ‘‘no index register’’ then
ss field MUST equal 00 If index is 100 and ss does not
equal 00 the effective address is undefined
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com