Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 90 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 90 Page - Intel Corporation

Back Button 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation 376 Datasheet HTML 93Page - Intel Corporation 376 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
376 EMBEDDED PROCESSOR
Encoding of Normal Address Mode with ‘‘mod rm’’ byte (no ‘‘s-i-b’’ byte present)
mod rm
Effective Address
00 000
DS EAX
00 001
DS ECX
00 010
DS EDX
00 011
DS EBX
00 100
s-i-b is present
00 101
DSd32
00 110
DS ESI
00 111
DS EDI
01 000
DS EAXad8
01 001
DS ECXad8
01 010
DS EDXad8
01 011
DS EBXad8
01 100
s-i-b is present
01 101
SS EBPad8
01 110
DS ESIad8
01 111
DS EDIad8
mod rm
Effective Address
10 000
DS EAXad32
10 001
DS ECXad32
10 010
DS EDXad32
10 011
DS EBXad32
10 100
s-i-b is present
10 101
SS EBPad32
10 110
DS ESIad32
10 111
DS EDIad32
11 000
registersee below
11 001
registersee below
11 010
registersee below
11 011
registersee below
11 100
registersee below
11 101
registersee below
11 110
registersee below
11 111
registersee below
Register Specified by reg or rm
during Normal Data Operations
mod rm
function of w field
(when we0)
(when we1)
11 000
AL
EAX
11 001
CL
ECX
11 010
DL
EDX
11 011
BL
EBX
11 100
AH
ESP
11 101
CH
EBP
11 110
DH
ESI
11 111
BH
EDI
Register Specified by reg or rm
during 16-Bit Data Operations (66H Prefix)
mod rm
function of w field
(when we0)
(when we1)
11 000
AL
AX
11 001
CL
CX
11 010
DL
DX
11 011
BL
BX
11 100
AH
SP
11 101
CH
BP
11 110
DH
SI
11 111
BH
DI
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com