Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 27 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation 376 Datasheet HTML 27Page - Intel Corporation 376 Datasheet HTML 28Page - Intel Corporation 376 Datasheet HTML 29Page - Intel Corporation 376 Datasheet HTML 30Page - Intel Corporation 376 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
376 EMBEDDED PROCESSOR
31
16
0
SEGMENT BASE 150
SEGMENT LIMIT 150
0
BASE
G000
LIMIT
P
DPL
0
TYPE
BASE
a
4
3124
1916
2316
Type
Defines
Type
Defines
0
Invalid
8
Invalid
1
Reserved
9
Available 8037680386 TSS
2
LDT
A
Undefined (Intel Reserved)
3
Reserved
B
Busy 8037680386 TSS
4
Reserved
C
8037680386 Call Gate
5
Task Gate (8037680386 Task)
D
Undefined (Intel Reserved)
6
Reserved
E
8037680386 Interrupt Gate
7
Reserved
F
8037680386 Trap Gate
Figure 35 System Descriptors
240182 – 13
Figure 36 Example Descriptor Selection
33 Protection
The 80376 offers extensive protection features
These protection features are particularly useful in
sophisticated embedded applications which use
multitasking real-time operating systems For sim-
pler embedded applications these protection capa-
bilities can be easily bypassed by making all applica-
tions run at privilege level (PL) 0
RULES OF PRIVILEGE
The 80376 controls access to both data and proce-
dures between levels of a task according to the fol-
lowing rules
Data stored in a segment with privilege level p
can be accessed only by code executing at a
privilege level at least as privileged as p
A code segmentprocedure with privilege level p
can only be called by a task executing at the
same or a lesser privilege level than p
PRIVILEGE LEVELS
At any point in time a task on the 80376 always
executes at one of the four privilege levels The Cur-
rent Privilege Level (CPL) specifies what the task’s
privilege level is A task’s CPL may only be changed
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com