Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 14 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 376 Datasheet HTML 10Page - Intel Corporation 376 Datasheet HTML 11Page - Intel Corporation 376 Datasheet HTML 12Page - Intel Corporation 376 Datasheet HTML 13Page - Intel Corporation 376 Datasheet HTML 14Page - Intel Corporation 376 Datasheet HTML 15Page - Intel Corporation 376 Datasheet HTML 16Page - Intel Corporation 376 Datasheet HTML 17Page - Intel Corporation 376 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 95 page
background image
376 EMBEDDED PROCESSOR
GENERATING 16-BIT ADDRESSES
The 80376 executes code with a default length for
operands and addresses of 32 bits The 80376 is
also able to execute operands and addresses of 16
bits This is specified through the use of override
prefixes Two prefixes the Operand Length Prefix
and the Address Length Prefix override the de-
fault 32-bit length on an individual instruction basis
These prefixes are automatically added by assem-
blers The Operand Length and Address Length Pre-
fixes can be applied separately or in combination to
any instruction
The 80376 normally executes 32-bit code and uses
either 8- or 32-bit displacements and any register
can be used as based or index registers When exe-
cuting 16-bit code (by prefix overrides) the displace-
ments are either 8 or 16 bits and the base and index
register conform to the 16-bit model Table 24 illus-
trates the differences
Table 24 BASE and INDEX Registers for 16- and 32-Bit Addresses
16-Bit Addressing
32-Bit Addressing
BASE REGISTER
BX BP
Any 32-Bit GP Register
INDEX REGISTER
SI DI
Any 32-Bit GP Register
except ESP
SCALE FACTOR
None
1 2 4 8
DISPLACMENT
0 8 16 Bits
0 8 32 Bits
25 Data Types
The 80376 supports all of the data types commonly used in high level languages
Bit
A single bit quantity
Bit Field
A group of up to 32 contiguous bits which spans a maximum of four
bytes
Bit String
A set of contiguous bits on the 80376 bit strings can be up to 16 Mbits
long
Byte
A signed 8-bit quantity
Unsigned Byte
An unsigned 8-bit quantity
Integer (Word)
A signed 16-bit quantity
Long Integer (Double Word)
A signed 32-bit quantity All operations assume a 2’s complement
representation
Unsigned Integer (Word)
An unsigned 16-bit quantity
Unsigned Long Integer
(Double Word)
An unsigned 32-bit quantity
Signed Quad Word
A signed 64-bit quantity
Unsigned Quad Word
An unsigned 64-bit quantity
Pointer
A 16- or 32-bit offset only quantity which indirectly references another
memory location
Long Pointer
A full pointer which consists of a 16-bit segment selector and either a
16- or 32-bit offset
Char
A byte representation of an ASCII Alphanumeric or control character
String
A contiguous sequence of bytes words or dwords A string may
contain between 1 byte and 16 Mbytes
BCD
A byte (unpacked) representation of decimal digits 0 – 9
Packed BCD
A byte (packed) representation of two decimal digits 0 – 9 storing one
digit in each nibble
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com