Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 62 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 62 Page - Intel Corporation

Back Button 376 Datasheet HTML 58Page - Intel Corporation 376 Datasheet HTML 59Page - Intel Corporation 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation 376 Datasheet HTML 65Page - Intel Corporation 376 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
376 EMBEDDED PROCESSOR
The AC specifications given in Table 64 consist of
output delays input setup requirements and input
hold requirements All AC specifications are rela-
tive to the CLK2 rising edge crossing the 20V level
AC specification measurement is defined by Figure
61 Inputs must be driven to the voltage levels indi-
cated by Figure 61 when AC specifications are
measured 80376 output delays are specified with
minimum and maximum limits measured as shown
The minimum 80376 delay times are hold times pro-
vided to external circuitry 80376 input setup and
hold times are specified as minimums defining the
smallest acceptable sampling window Within the
sampling window a synchronous input signal must
be stable for correct 80376 processor operation
Outputs NA WR DC MIO LOCK BHE BLE
A23–A1 and HLDA only change at the beginning of
phase one D15–D0 (write cycles) only change at the
beginning of phase two The READY HOLD BUSY
ERROR PEREQ and D15–D0 (read cycles) inputs
are sampled at the beginning of phase one The NA
INTR and NMI inputs are sampled at the beginning
of phase two
240182 – 35
LEGEND
AMaximum Output Delay Spec
BMinimum Output Delay Spec
CMinimum Input Setup Spec
DMinimum Input Hold Spec
Figure 61 Drive Levels and Measurement Points for AC Specifications
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com