| Electronic Components Datasheet Search |
|
376 Datasheet(PDF) 10 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
376 Datasheet(HTML) 10 Page - Intel Corporation |
|
10 / 95 page ![]() 376 EMBEDDED PROCESSOR 22 Instruction Set The instruction set is divided into nine categories of operations Data Transfer Arithmetic ShiftRotate String Manipulation Bit Manipulation Control Transfer High Level Language Support Operating System Support Processor Control These 80376 processor instructions are listed in Ta- ble 81 80376 Instruction Set and Clock Count Summary All 80376 processor instructions operate on either 0 1 2 or 3 operands an operand resides in a register in the instruction itself or in memory Most zero op- erand instructions (eg CLI STI) take only one byte One operand instructions generally are two bytes long The average instruction is 32 bytes long Since the 80376 has a 16-byte prefetch instruction queue an average of 5 instructions can be pre- fetched The use of two operands permits the follow- ing types of common instructions Register to Register Memory to Register Immediate to Register Memory to Memory Register to Memory Immediate to Memory The operands are either 8- 16- or 32-bit long 23 Memory Organization Memory on the 80376 is divided into 8-bit quantities (bytes) 16-bit quantities (words) and 32-bit quanti- ties (dwords) Words are stored in two consecutive bytes in memory with the low-order byte at the low- est address Dwords are stored in four consecutive bytes in memory with the low-order byte at the low- est address The address of a word or Dword is the byte address of the low-order byte For maximum performance word and dword values should be at even physical addresses In addition to these basic data types the 80376 proc- essor supports segments Memory can be divided up into one or more variable length segments which can be shared between programs ADDRESS SPACES The 80376 has three types of address spaces logi- cal linear and physical A logical address (also known as a virtual address) consists of a selector and an offset A selector is the contents of a seg- ment register An offset is formed by summing all of the addressing components (BASE INDEX and DISPLACEMENT) discussed in Section 24 Ad- dressing Modes into an effective address Every selector has a logical base address associat- ed with it that can be up to 32 bits in length This 32- bit logical base address is added to either a 32-bit offset address or a 16-bit offset address (by using the address length prefix )to form a final 32-bit lin- ear address This final linear address is then trun- cated so that only the lower 24 bits of this address are used to address the 16 Mbytes physical memory address space The logical base address is stored in one of two operating system tables (ie the Local Descriptor Table or Global Descriptor Table) Figure 23 shows the relationship between the vari- ous address spaces 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |