Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 93 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 93 Page - Intel Corporation

Back Button 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation 376 Datasheet HTML 93Page - Intel Corporation 376 Datasheet HTML 94Page - Intel Corporation 376 Datasheet HTML 95Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
376 EMBEDDED PROCESSOR
ENCODING OF OPERATION
DIRECTION (d) FIELD
In many two-operand instructions the d field is pres-
ent to indicate which operand is considered the
source and which is the destination
d
Direction of Operation
0
RegisterMemory k- - Register
‘‘reg’’ Field Indicates Source Operand
‘‘mod rm’’ or ‘‘mod ss index base’’ Indicates
Destination Operand
1
Register k- - RegisterMemory
‘‘reg’’ Field Indicates Destination Operand
‘‘mod rm’’ or ‘‘mod ss index base’’ Indicates
Source Operand
ENCODING OF SIGN-EXTEND (s) FIELD
The s field occurs primarily to instructions with im-
mediate data fields The s field has an effect only if
the size of the immediate data is 8 bits and is being
placed in a 16-bit or 32-bit destination
s
Effect on
Effect on
Immediate Data8
Immediate Data 16
l32
0 None
None
1 Sign-Extend Data8 to Fill
None
16-Bit or 32-Bit Destination
ENCODING OF CONDITIONAL
TEST (tttn) FIELD
For the conditional instructions (conditional jumps
and set on condition) tttn is encoded with n indicat-
ing to use the condition (ne0) or its negation (ne1)
and ttt giving the condition to test
Mnemonic
Condition
tttn
O
Overflow
0000
NO
No Overflow
0001
BNAE
BelowNot Above or Equal
0010
NBAE
Not BelowAbove or Equal
0011
EZ
EqualZero
0100
NENZ
Not EqualNot Zero
0101
BENA
Below or EqualNot Above
0110
NBEA
Not Below or EqualAbove
0111
S
Sign
1000
NS
Not Sign
1001
PPE
ParityParity Even
1010
NPPO
Not ParityParity Odd
1011
LNGE
Less ThanNot Greater or Equal
1100
NLGE
Not Less ThanGreater or Equal
1101
LENG
Less Than or EqualGreater Than 1110
NLEG
Not Less or EqualGreater Than
1111
ENCODING OF CONTROL OR DEBUG
REGISTER (eee) FIELD
For the loading and storing of the Control and Debug
registers
When Interpreted as Control Register Field
eee Code
Reg Name
000
CR0
010
Reserved
011
Reserved
Do not use any other encoding
When Interpreted as Debug Register Field
eee Code
Reg Name
000
DR0
001
DR1
010
DR2
011
DR3
110
DR6
111
DR7
Do not use any other encoding
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com