Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 43 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 376 Datasheet HTML 39Page - Intel Corporation 376 Datasheet HTML 40Page - Intel Corporation 376 Datasheet HTML 41Page - Intel Corporation 376 Datasheet HTML 42Page - Intel Corporation 376 Datasheet HTML 43Page - Intel Corporation 376 Datasheet HTML 44Page - Intel Corporation 376 Datasheet HTML 45Page - Intel Corporation 376 Datasheet HTML 46Page - Intel Corporation 376 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 21
Idle states are shown here for diagram variety only Write cycles are not always followed by an idle state An active bus
cycle can immediately follow the write cycle
Figure 46 Various Non-Pipelined Bus Cycles (Zero Wait States)
Non-Pipelined Bus Cycles
Any bus cycle may be performed with non-pipelined
timing For example Figure 46 shows a mixture of
non-pipelined read and write cycles
Figure 46
shows that the fastest possible non-pipelined cycles
have two bus states per bus cycle The states are
named T1 and T2 In phase one of T1 the address
signals and bus cycle definition signals are driven
valid and to signal their availability address strobe
(ADS) is simultaneously asserted
During read or write cycles the data bus behaves as
follows If the cycle is a read the 80376 floats its
data signals to allow driving by the external device
being addressed The 80376 requires that all data
bus pins be at a valid logic state (HIGH or LOW)
at the end of each read cycle when READY is
asserted
The system MUST be designed to
meet this requirement
If the cycle is a write data
signals are driven by the 80376 beginning in phase
two of T1 until phase one of the bus state following
cycle acknowledgement
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com