Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 73 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 73 Page - Intel Corporation

Back Button 376 Datasheet HTML 69Page - Intel Corporation 376 Datasheet HTML 70Page - Intel Corporation 376 Datasheet HTML 71Page - Intel Corporation 376 Datasheet HTML 72Page - Intel Corporation 376 Datasheet HTML 73Page - Intel Corporation 376 Datasheet HTML 74Page - Intel Corporation 376 Datasheet HTML 75Page - Intel Corporation 376 Datasheet HTML 76Page - Intel Corporation 376 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
Clock
Number
Instruction
Format
Counts
of Data
Notes
Cycles
GENERAL DATA TRANSFER
MOV e Move
Register to RegisterMemory
1000100w
mod reg
r m
2 2
01
a
RegisterMemory to Register
1000101w
mod reg
r m
2 4
01
a
Immediate to RegisterMemory
1100011w
mod000
r m
immediate data
22
01
a
Immediate to Register (Short Form)
1011 w
reg
immediate data
2
2
Memory to Accumulator (Short Form)
1010000w
full displacement
4
1
a
Accumulator to Memory (Short Form)
1010001w
full displacement
2
1
a
RegisterMemory to Segment Register
10001110
mod sreg3 rm
2223
06
abc
Segment Register to RegisterMemory
10001100
mod sreg3 rm
22
01
a
MOVSX e Move with Sign Extension
Register from RegisterMemory
00001111
1011111w
mod reg
r m
3 6
01
a
MOVZX e Move with Zero Extension
Register from RegisterMemory
00001111
1011011w
mod reg
r m
3 6
01
a
PUSH e Push
RegisterMemory
11111111
mod110
r m
7 9
24
a
Register (Short Form)
01010
reg
4
2
a
Segment Register (ES CS SS or DS)
0 0 0 sreg2110
4
2
a
Segment Register (FS or GS)
00001111
10 sreg3000
4
2
a
Immediate
011010s0
immediate data
4
2
a
PUSHA e Push All
01100000
34
16
a
POP e Pop
RegisterMemory
10001111
mod000
r m
7 9
24
a
Register (Short Form)
01011
reg
6
2
a
Segment Register (ES SS or DS)
000sreg2111
25
6
a b c
Segment Register (FS or GS)
00001111
10 sreg3001
25
6
a b c
POPA e Pop All
01100001
40
16
a
XCHG e Exchange
RegisterMemory with Register
1000011w
mod reg
r m
3 5
02
a m
Register with Accumulator (Short Form)
10010
reg
3
0
IN e Input from
Fixed Port
1110010w
port number
6
1
fk
26
1
fl
Variable Port
1110110w
7
1
fk
27
1
fl
OUT e Output to
Fixed Port
1110011w
port number
4
1
fk
24
1
fl
Variable Port
1110111w
5
1
fk
26
1
fl
LEA e Load EA to Register
10001101
mod reg
r m
2
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com