Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 9 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation 376 Datasheet HTML 10Page - Intel Corporation 376 Datasheet HTML 11Page - Intel Corporation 376 Datasheet HTML 12Page - Intel Corporation 376 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 21 Flag Definitions
Bit Position
Name
Function
0CF
Carry Flag
Set on high-order bit carry or borrow cleared otherwise
2PF
Parity Flag
Set if low-order 8 bits of result contain an even number
of 1-bits cleared otherwise
4AF
Auxiliary Carry Flag
Set on carry from or borrow to the low order
four bits of AL cleared otherwise
6ZF
Zero Flag
Set if result is zero cleared otherwise
7SF
Sign Flag
Set equal to high-order bit of result (0 if positive 1 if
negative)
8TF
Single Step Flag
Once set a single step interrupt occurs after the
next instruction executes TF is cleared by the single step interrupt
9IF
Interrupt-Enable Flag
When set external interrupts signaled on the
INTR pin will cause the CPU to transfer control to an interrupt vector
specified location
10
DF
Direction Flag
Causes string instructions to auto-increment (default)
the appropriate index registers when cleared Setting DF causes auto-
decrement
11
OF
Overflow Flag
Set if the operation resulted in a carryborrow into
the sign bit (high-order bit) of the result but did not result in a
carryborrow out of the high-order bit or vice-versa
12 13
IOPL
IO Privilege Level
Indicates the maximum CPL permitted to
execute IO instructions without generating an exception 13 fault or
consulting the IO permission bit map It also indicates the maximum
CPL value allowing alteration of the IF bit
14
NT
Nested Task
Indicates that the execution of the current task is
nested within another task (see Task Switching)
16
RF
Resume Flag
Used in conjunction with debug register breakpoints It
is checked at instruction boundaries before breakpoint processing If
set any debug fault is ignored on the next instruction It is reset at the
successful completion of any instruction except IRET POPF and
those instructions causing task switches
CONTROL REGISTER
The 80376 has a 32-bit control register called CR0 that is used to control coprocessor emulation This register
is shown in Figures 21 and 22 The defined CR0 bits are described in Table 22 Bits 0 4 and 31 of CR0 have
fixed values in the 80376 These values cannot be changed Programs that load CR0 should always load bits
0 4 and 31 with values previously there to be compatible with the 80386
Table 22 CR0 Definitions
Bit Position
Name
Function
1MP
Monitor Coprocessor Extension
Allows WAIT instructions to cause
a processor extension not present exception (number 7)
2EM
Emulate Processor Extension
When set
this bit causes a
processor extension not present exception (number 7) on ESC
instructions to allow processor extension emulation
3TS
Task Switched
When set this bit indicates the next instruction using
a processor extension will cause exception 7 allowing software to test
whether the current processor extension context belongs to the
current task (see Task Switching)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com