Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 24 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 376 Datasheet HTML 20Page - Intel Corporation 376 Datasheet HTML 21Page - Intel Corporation 376 Datasheet HTML 22Page - Intel Corporation 376 Datasheet HTML 23Page - Intel Corporation 376 Datasheet HTML 24Page - Intel Corporation 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation 376 Datasheet HTML 27Page - Intel Corporation 376 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
376 EMBEDDED PROCESSOR
32 Segmentation
Segmentation is one method of memory manage-
ment and provides the basis for protection in the
80376 Segments are used to encapsulate regions
of memory which have common attributes For ex-
ample all of the code of a given program could be
contained in a segment or an operating system ta-
ble may reside in a segment All information about
each segment is stored in an 8-byte data structure
called a descriptor All of the descriptors in a system
are contained in tables recognized by hardware
TERMINOLOGY
The following terms are used throughout the discus-
sion of descriptors privilege levels and protection
PL
Privilege Level
One of the four hierarchical
privilege levels Level 0 is the most privileged
level and level 3 is the least privileged
RPL
Requestor Privilege Level
The privilege
level of the original supplier of the selector
RPL is determined by the least two significant
bits of a selector
DPL
Descriptor Privilege Level
This is the least
privileged level at which a task may access
that descriptor (and the segment associated
with that descriptor) Descriptor Privilege Lev-
el is determined by bits 65 in the Access
Right Byte of a descriptor
CPL
Current Privilege Level
The privilege level
at which a task is currently executing which
equals the privilege level of the code seg-
ment being executed CPL can also be deter-
mined by examining the lowest 2 bits of the
CS register except for conforming code seg-
ments
EPL
Effective Privilege Level
The effective
privilege level is the least privileged of the
RPL and the DPL EPL is the numerical maxi-
mum of RPL and DPL
Task One instance of the execution of a program
Tasks are also referred to as processes
DESCRIPTOR TABLES
The descriptor tables define all of the segments
which are used in an 80376 system There are three
types of tables on the 80376 which hold descriptors
the Global Descriptor Table Local Descriptor Table
and the Interrupt Decriptor Table All of the tables
are variable length memory arrays they can range in
size between 8 bytes and 64 Kbytes Each table can
hold up to 8192 8-byte descriptors The upper 13
bits of a selector are used as an index into the de-
scriptor table The tables have registers associated
with them which hold the 32-bit linear base address
and the 16-bit limit of each table
Each of the tables have a register associated with it
GDTR LDTR and IDTR see Figure 32 The LGDT
LLDT and LIDT instructions load the base and limit
of the Global Local and Interrupt Descriptor Tables
into the appropriate register The SGDT SLDT and
SIDT store these base and limit values These are
privileged instructions
240182 – 12
Figure 32 Descriptor Table Registers
Global Descriptor Table
The Global Descriptor Table (GDT) contains de-
scriptors which are possibly available to all of the
tasks in a system The GDT can contain any type of
segment descriptor except for interrupt and trap de-
scriptors Every 80376 system contains a GDT A
simple 80376 system contains only 2 entries in the
GDT a code and a data descriptor For maximum
performance
descriptor tables should begin on
even addresses
The first slot of the Global Descriptor Table corre-
sponds to the null selector and is not used The null
selector defines a null pointer value
Local Descriptor Table
LDTs contain descriptors which are associated with
a given task Generally operating systems are de-
signed so that each task has a separate LDT The
LDT may contain only code data stack task gate
and call gate descriptors LDTs provide a mecha-
nism for isolating a given task’s code and data seg-
ments from the rest of the operating system while
the GDT contains descriptors for segments which
are common to all tasks A segment cannot be ac-
cessed by a task if its segment descriptor does not
exist in either the current LDT or the GDT This pro-
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com