Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 95 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 95 Page - Intel Corporation

Back Button 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation 376 Datasheet HTML 91Page - Intel Corporation 376 Datasheet HTML 92Page - Intel Corporation 376 Datasheet HTML 93Page - Intel Corporation 376 Datasheet HTML 94Page - Intel Corporation 376 Datasheet HTML 95Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 95 page
background image
376 EMBEDDED PROCESSOR
90 REVISION HISTORY (Continued)
Section 44
This section was updated to correctly reflect the pipelining of the address and status of the
80376 as opposed to ‘‘Address Pipelining’’ which occurs on processors such as the 80286
Section 46
Table 47 was updated to show the correct Revision number 05H
Section 47
Table 48 was updated to show the numerics operand register 8000FEH This address is
seen when the 80376 does a DWORD operation to the port address 8000FCH
Section 50
In the first paragraph the case temperatures were updated to reflect the 0 C – 115 C for the
ceramic package and 0 C – 110 C for the plastic package
Section 62
Table 62 was updated to reflect the Case Temperature under Bias specification of b65 C–
120 C
Section 64
Figure 68 vertical axis was updated to reflect ‘‘Output Valid Delay (ns)’’
Section 64
Figure 611 was updated to show typical ICC vs Frequency for the 80376
Section 81
The clock counts and opcodes for various instructions were updated to their correct values
Section 82
The section INSTRUCTION ENCODING was appended to the data sheet
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com