Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 70 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 70 Page - Intel Corporation

Back Button 376 Datasheet HTML 66Page - Intel Corporation 376 Datasheet HTML 67Page - Intel Corporation 376 Datasheet HTML 68Page - Intel Corporation 376 Datasheet HTML 69Page - Intel Corporation 376 Datasheet HTML 70Page - Intel Corporation 376 Datasheet HTML 71Page - Intel Corporation 376 Datasheet HTML 72Page - Intel Corporation 376 Datasheet HTML 73Page - Intel Corporation 376 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 50
Figure 613 ICETM-376 Emulator User Cable with 88-Pin PGA Adapter
optional isolation board (OIB) which provides extra
electrical buffering and has the same lateral clear-
ance requirements as Figures 612 and 613 adds
an additional 05 inches to the vertical clearance re-
quirement This is illustrated in Figure 614
Optional Isolation Board (OIB) and the CLK2
speed reduction
Due to the unbuffered probe de-
sign the ICE-376 emulator is susceptible to errors
on the user’s bus The OIB allows the ICE-376 emu-
lator to function in user systems with faults (shorted
signals etc) After electrical verification the OIB
may be removed When the OIB is installed the user
system must have a maximum CLK2 frequency of 20
MHz
240182 – 51
Figure 614 ICETM-376 Emulator User Cable with OIB and PQFP Adapter
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com