Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 77 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 77 Page - Intel Corporation

Back Button 376 Datasheet HTML 73Page - Intel Corporation 376 Datasheet HTML 74Page - Intel Corporation 376 Datasheet HTML 75Page - Intel Corporation 376 Datasheet HTML 76Page - Intel Corporation 376 Datasheet HTML 77Page - Intel Corporation 376 Datasheet HTML 78Page - Intel Corporation 376 Datasheet HTML 79Page - Intel Corporation 376 Datasheet HTML 80Page - Intel Corporation 376 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
(Continued)
Clock
Number
Instruction
Format
Counts
of Data
Notes
Cycles
LOGIC
(Continued)
Register to Memory
0010000w
mod reg
r m
7
2
a
Memory to Register
0010001w
mod reg
r m
6
1
a
Immediate to RegisterMemory
1000000w
mod100
r m immediate data
27
02
a
Immediate to Accumulator (Short Form)
0010010w
immediate data
2
TEST e And Function to Flags No Result
RegisterMemory and Register
1000010w
mod reg
r m
2 5
01
a
Immediate Data and RegisterMemory
1111011w
mod000
r m immediate data
25
01
a
Immediate Data and Accumulator
(Short Form)
1010100w
immediate data
2
OR e Or
Register to Register
000010dw
mod reg
r m
2
Register to Memory
0000100w
mod reg
r m
7
2
a
Memory to Register
0000101w
mod reg
r m
6
1
a
Immediate to RegisterMemory
1000000w
mod001
r m immediate data
27
02
a
Immediate to Accumulator (Short Form)
0000110w
immediate data
2
XOR e Exclusive Or
Register to Register
001100dw
mod reg
r m
2
Register to Memory
0011000w
mod reg
r m
7
2
a
Memory to Register
0011001w
mod reg
r m
6
1
a
Immediate to RegisterMemory
1000000w
mod110
r m immediate data
27
02
a
Immediate to Accumulator (Short Form)
0011010w
immediate data
2
NOT e Invert RegisterMemory
1111011w
mod010
r m
2 6
02
a
STRING MANIPULATION
CMPS e Compare Byte Word
1010011w
10
2
a
INS e Input ByteWord from DX Port
0110110w
29
9
1
1
afk
afl
LODS e Load ByteWord to ALAXEAX
1010110w
5
1
a
MOVS e Move Byte Word
1010010w
7
2
a
OUTS e Output ByteWord to DX Port
0110111w
28
8
1
1
afk
afl
SCAS e Scan Byte Word
1010111w
7
1
a
STOS e Store ByteWord from
ALAXEX
1010101w
4
1
a
XLAT e Translate String
11010111
5
1
a
REPEATED STRING MANIPULATION
Repeated by Count in CX or ECX
REPE CMPS e Compare String
(Find Non-Match)
11110011
1010011w
5 a 9n
2n
a
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com