Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 72 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 72 Page - Intel Corporation

Back Button 376 Datasheet HTML 68Page - Intel Corporation 376 Datasheet HTML 69Page - Intel Corporation 376 Datasheet HTML 70Page - Intel Corporation 376 Datasheet HTML 71Page - Intel Corporation 376 Datasheet HTML 72Page - Intel Corporation 376 Datasheet HTML 73Page - Intel Corporation 376 Datasheet HTML 74Page - Intel Corporation 376 Datasheet HTML 75Page - Intel Corporation 376 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
376 EMBEDDED PROCESSOR
than the calculated clock count due to instruction
sequences which execute faster than they can be
fetched from memory
Instruction Clock Count Assumptions
1 The instruction has been prefetched decoded
and is ready for execution
2 Bus cycles do not require wait states
3 There are no local bus HOLD requests delaying
processor acess to the bus
4 No exceptions are detected during instruction ex-
ecution
5 If an effective address is calculated it does not
use two general register components One regis-
ter scaling and displacement can be used within
the clock counts showns However if the effec-
tive address calculation uses two general register
components add 1 clock to the clock count
shown
6 Memory reference instruction accesses byte or
aligned 16-bit operands
Instruction Clock Count Notation
If two clock counts are given the smaller refers to
a register operand and the larger refers to a
memory operand
n e number of times repeated
m e number of components in the next instruc-
tion executed where the entire displacement (if
any) counts as one component the entire im-
mediate data (if any) counts as one component
and all other bytes of the instruction and pre-
fix(es) each count as one component
Misaligned or 32-Bit Operand Accesses
If instructions accesses a misaligned 16-bit oper-
and or 32-bit operand on even address add
2
clocks for read or write
4
clocks for read and write
If instructions accesses a 32-bit operand on odd
address add
4
clocks for read or write
8
clocks for read and write
Wait States
Wait states add 1 clock per wait state to instruction
execution for each data access
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com