| Electronic Components Datasheet Search |
|
376 Datasheet(PDF) 40 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
376 Datasheet(HTML) 40 Page - Intel Corporation |
|
40 / 95 page ![]() 376 EMBEDDED PROCESSOR 240182 – 18 NOTE Since A23 is HIGH during automatic communication with coprocessor A23 HIGH and MIO LOW can be used to easily generate a coprocessor select signal Figure 43 Physical Memory and IO Spaces 44 Bus Functional Description The 80376 has separate parallel buses for data and address The data bus is 16 bits in width and bidi- rectional The address bus provides a 24-bit value using 23 signals for the 23 upper-order address bits and 2 Byte Enable signals to directly indicate the active bytes These buses are interpreted and con- trolled by several definition signals The definition of each bus cycle is given by three signals MIO WR and DC At the same time a valid address is present on the byte enable signals BHE and BLE and the other address signals A23–A1 A status signal ADS indicates when the 80376 issues a new bus cycle definition and ad- dress Collectively the address bus data bus and all asso- ciated control signals are referred to simply as ‘‘the bus’’ When active the bus performs one of the bus cycles below 1 Read from memory space 2 Locked read from memory space 3 Write to memory space 4 Locked write to memory space 5 Read from IO space (or coprocessor) 6 Write to IO space (or coprocessor) 7 Interrupt acknowledge (always locked) 8 Indicate halt or indicate shutdown Table 42 shows the encoding of the bus cycle defi- nition signals for each bus cycle See Bus Cycle Definition Signals for additonal information When the 80376 bus is not performing one of the activities listed above it is either Idle or in the Hold Acknowledge state which may be detected by ex- ternal circuitry The idle state can be identified by the 80376 giving no further assertions on its address strobe output (ADS) since the beginning of its most recent bus cycle and the most recent bus cycle hav- ing been terminated The hold acknowledge state is identified by the 80376 asserting its hold acknowl- edge (HLDA) output The shortest time unit of bus activity is a bus state A bus state is one processor clock period (two CLK2 periods) in duration A complete data transfer occurs during a bus cycle composed of two or more bus states 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |