Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 86 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 86 Page - Intel Corporation

Back Button 376 Datasheet HTML 82Page - Intel Corporation 376 Datasheet HTML 83Page - Intel Corporation 376 Datasheet HTML 84Page - Intel Corporation 376 Datasheet HTML 85Page - Intel Corporation 376 Datasheet HTML 86Page - Intel Corporation 376 Datasheet HTML 87Page - Intel Corporation 376 Datasheet HTML 88Page - Intel Corporation 376 Datasheet HTML 89Page - Intel Corporation 376 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 81 80376 Instruction Set Clock Count Summary
(Continued)
Clock
Number
Instruction
Format
Counts
of Data
Notes
Cycles
PROTECTION CONTROL
(Continued)
SMSW e Store Machine
Status Word
00001111
00000001
mod100
r m
2 2
1
a c
STR e
Store Task Register
To RegisterMemory
00001111
00000000
mod001
r m
2 2
1
a
VERR e Verify Read Accesss
RegisterMemory
00001111
00000000
mod100
r m
1011
2
acip
VERW e Verify Write Accesss
00001111
00000000
mod101
r m
1516
2
acip
NOTES
a Exception 13 fault (general violation) will occur if the memory operand in CS DS ES FS or GS cannot be used due to
either a segment limit violation or access rights violation If a stack limit is violated and exception 12 (stack segment limit
violation or not present) occurs
b For segment load operations the CPL RPL and DPL must agree with the privilege rules to avoid an exception 13 fault
(general protection violation) The segments’s descriptor must indicate ‘‘present’’ or exception 11 (CS DS ES FS GS not
present) If the SS register is loaded and a stack segment not present is detected an exception 12 (stack segment limit
violation or not present occurs)
c All segment descriptor accesses in the GDT or LDT made by this instruction will automatically assert LOCK to maintain
descriptor integrity in multiprocessor systems
d JMP CALL INT RET and IRET instructions referring to another code segment will cause an exception 13 (general
protection violation) if an applicable privilege rule is volated
e An exception 13 fault occurs if CPL is greater than 0
f An exception 13 fault occurs if CPL is greater than IOPL
g The IF bit of the flag register is not updated if CPL is greater than IOPL The IOPL field of the flag register is updated only
if CPL e 0
h Any violation of privelege rules as applied to the selector operand does not cause a protection exception rather the zero
flag is cleared
i If the coprocessor’s memory operand violates a segment limit or segment access rights an exception 13 fault (general
protection exception) will occur before the ESC instruction is executed An exception 12 fault (stack segment limit violation
or no present) will occur if the stack limit is violated by the operand’s starting address
j The destination of a JMP CALL INT RET or IRET must be in the defined limit of a code segment or an exception 13 fault
(general protection violation) will occur
k If CPL s IOPL
l If CPL l IOPL
m LOCK is automatically asserted regardless of the presence or absence of the LOCK prefix
n The 80376 uses an early-out multiply algorithm The actual number of clocks depends on the position of the most signifi-
cant bit in the operand (multiplier) Clock counts given are minimum to maximum To calculate actual clocks use the follow-
ing formula
Actual Clock e if m kl 0 then max ( log2
lml 3) a 9 clocks
if m e 0 then 12 clocks (where m is the multiplier)
o An exception may occur depending on the value of the operand
p LOCK is asserted during descriptor table accesses
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com