Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 11 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation 376 Datasheet HTML 10Page - Intel Corporation 376 Datasheet HTML 11Page - Intel Corporation 376 Datasheet HTML 12Page - Intel Corporation 376 Datasheet HTML 13Page - Intel Corporation 376 Datasheet HTML 14Page - Intel Corporation 376 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 6
Figure 23 Address Translation
SEGMENT REGISTER USAGE
The main data structure used to organize memory is
the segment On the 80376 segments are variable
sized blocks of linear addresses which have certain
attributes associated with them There are two main
types of segments code and data The simplest use
of segments is to have one code and data segment
Each segment is 16 Mbytes in size overlapping each
other This allows code and data to be directly ad-
dressed by the same offset
In order to provide compact instruction encoding
and increase processor performance instructions
do not need to explicitly specify which segment reg-
ister is used The segment register is automatically
chosen according to the rules of Table 23 (Segment
Register Selection Rules) In general data refer-
ences use the selector contained in the DS register
stack references use the SS register and instruction
fetches use the CS register The contents of the In-
struction Pointer provide the offset Special segment
override prefixes allow the explicit use of a given
segment register and override the implicit rules list-
ed in Table 23 The override prefixes also allow the
use of the ES FS and GS segment registers
There are no restrictions regarding the overlapping
of the base addresses of any segments Thus all 6
segments could have the base address set to zero
Further details of segmentation are discussed in
Section 30 Architecture
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com