Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 61 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 61 Page - Intel Corporation

Back Button 376 Datasheet HTML 57Page - Intel Corporation 376 Datasheet HTML 58Page - Intel Corporation 376 Datasheet HTML 59Page - Intel Corporation 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation 376 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
376 EMBEDDED PROCESSOR
63 DC Specifications
ADVANCE INFORMATION SUBJECT TO CHANGE
Table 63 80376 DC Characteristics
Functional Operating Range VCC e 5V g10% TCASE e 0 C to 115 C for 88-pin PGA or 100-pin PQFP
Symbol
Parameter
Min
Max
Unit
VIL
Input LOW Voltage
b
03
a
08
V(1)
VIH
Input HIGH Voltage
20
VCC a03 V(1)
VILC
CLK2 Input LOW Voltage
b
03
a
08
V(1)
VIHC
CLK2 Input HIGH Voltage
VCC b 08 VCC a 03 V(1)
VOL
Output LOW Voltage
IOL e 4 mA
A23–A1 D15–D0
045
V(1)
IOL e 5 mA
BHE BLE WR
045
V(1)
DC MIO LOCK
ADS HLDA
VOH
Output High Voltage
IOH eb1 mA
A23–A1 D15–D0
24
V(1)
IOH eb02 mA
VCC b 05
V(1)
A23–A1 D15–D0
IOH eb09 mA
BHE BLE WR
24
V(1)
DC MIO LOCK
ADS HLDA
IOH eb018 mA BHE BLE WR
VCC b 05
V(1)
DC MIO LOCK
ADS HLDA
ILI
Input Leakage Current
g
15
m
A 0V s VIN s VCC(1)
(For All Pins except
PEREQ BUSY FLT and ERROR)
IIH
Input Leakage Current
200
m
A VIH e 24V(1 2)
(PEREQ Pin)
IIL
Input Leakage Current
b
400
m
A VIL e 045V(3)
(BUSY and ERROR Pins)
ILO
Output Leakage Current
g
15
m
A 045V s VOUT s VCC(1)
ICC
Supply Current
CLK2 e 32 MHz
275
mA ICC typ e 175 mA(4)
CLK2 e 40 MHz
305
mA ICC typ e 200 mA(4)
CIN
Input Capacitance
10
pF FC e 1 MHz(5)
COUT
Output or IO Capacitance
12
pF FC e 1 MHz(5)
CCLK
CLK2 Capacitance
20
pF FC e 1 MHz(5)
NOTES
1 Tested at the minimum operating frequency of the device
2 PEREQ input has an internal pull-down resistor
3 BUSY FLT and ERROR inputs each have an internal pull-up resistor
4 ICC max measurement at worse case load VCC and temperature (0 C)
5 Not 100% tested
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com