Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 63 Page - Intel Corporation

Part # 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

376 Datasheet(HTML) 63 Page - Intel Corporation

Back Button 376 Datasheet HTML 59Page - Intel Corporation 376 Datasheet HTML 60Page - Intel Corporation 376 Datasheet HTML 61Page - Intel Corporation 376 Datasheet HTML 62Page - Intel Corporation 376 Datasheet HTML 63Page - Intel Corporation 376 Datasheet HTML 64Page - Intel Corporation 376 Datasheet HTML 65Page - Intel Corporation 376 Datasheet HTML 66Page - Intel Corporation 376 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
376 EMBEDDED PROCESSOR
64 AC Specifications
Table 64 80376 AC Characteristics at 16 MHz
Functional Operating Range VCC e 5V g10% TCASE e 0 C to 115 C for 88-pin PGA or 100-pin PQFP
Symbol
Parameter
Min
Max
Unit
Figure
Notes
Operating Frequency
4
16
MHz
Half CLK2 Freq
t1
CLK2 Period
31
125
ns
63
t2a
CLK2 HIGH Time
9
ns
63
At 2(3)
t2b
CLK2 HIGH Time
5
ns
63
At (VCC b 08)V(3)
t3a
CLK2 LOW Time
9
ns
63
At 2V(3)
t3b
CLK2 LOW Time
7
ns
63
At 08V(3)
t4
CLK2 Fall Time
8
ns
63
(VCCb08)V to 08V(3)
t5
CLK2 Rise Time
8
ns
63
08V to (VCCb08)(3)
t6
A23–A1 Valid Delay
4
36
ns
65
CL e 120 pF(4)
t7
A23–A1 Float Delay
4
40
ns
66
(1)
t8
BHE BLE LOCK
4
36
ns
65
CL e 75 pF(4)
Valid Delay
t9
BHE BLE LOCK
4
40
ns
66
(1)
Float Delay
t10
WR MIO DC
6
33
ns
65
CL e 75 pF(4)
ADS Valid Delay
t11
WR MIO DC
6
35
ns
66
(1)
ADS Float Delay
t12
D15–D0 Write Data
4
40
ns
65
CL e 120 pF(4)
Valid Delay
t13
D15–D0 Write Data
4
35
ns
66
(1)
Float Delay
t14
HLDA Valid Delay
4
33
ns
66
CL e 75 pF(4)
t15
NA Setup Time
5
ns
64
t16
NA Hold Time
21
ns
66
t19
READY Setup Time
19
ns
64
t20
READY Hold Time
4
ns
64
t21
Setup Time D15–D0 Read Data
9
ns
64
t22
Hold Time D15–D0 Read Data
6
ns
64
t23
HOLD Setup Time
26
ns
64
t24
HOLD Hold Time
5
ns
64
t25
RESET Setup Time
13
ns
67
t26
RESET Hold Time
4
ns
67
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com