| Electronic Components Datasheet Search |
|
LAN9354 Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9354 Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 487 page ![]() LAN9354 DS00001926B-page 22 2015 Microchip Technology Inc. 1 LED 4 LED4 VO12/ VOD12/ VOS12 This pin is configured to operate as an LED when the LED 4 Enable bit of the LED Configuration Reg- ister (LED_CFG) is set. The buffer type depends on the setting of the LED Function 2-0 (LED_FUN[2:0]) field in the LED Configuration Register (LED_CFG) and is configured to be either a push-pull or open- drain/open-source output. When selected as an open-drain/open-source output, the polarity of this pin depends upon the 1588EN strap value sampled at reset. Note: Refer to Section 17.3, "LED Operation," on page 452 to additional information. General Purpose I/O 4 GPIO4 VIS/VO12/ VOD12 (PU) This pin is configured to operate as a GPIO when the LED 4 Enable bit of the LED Configuration Reg- ister (LED_CFG) is clear. The pin is fully program- mable as either a push-pull output, an open-drain output or a Schmitt-triggered input by writing the General Purpose I/O Configuration Register (GPI- O_CFG) and the General Purpose I/O Data & Direc- tion Register (GPIO_DATA_DIR). 1588 Enable Configuration Strap 1588EN VIS (PU) This strap configures the default value of the 1588 Enable soft-strap. See Note 9. 1 LED 3 LED3 VO12/ VOD12/ VOS12 This pin is configured to operate as an LED when the LED 3 Enable bit of the LED Configuration Reg- ister (LED_CFG) is set. The buffer type depends on the setting of the LED Function 2-0 (LED_FUN[2:0]) field in the LED Configuration Register (LED_CFG) and is configured to be either a push-pull or open- drain/open-source output. When selected as an open-drain/open-source output, the polarity of this pin depends upon the EEEEN strap value sampled at reset. Note: Refer to Section 17.3, "LED Operation," on page 452 to additional information. General Purpose I/O 3 GPIO3 VIS/VO12/ VOD12 (PU) This pin is configured to operate as a GPIO when the LED 3 Enable bit of the LED Configuration Reg- ister (LED_CFG) is clear. The pin is fully program- mable as either a push-pull output, an open-drain output or a Schmitt-triggered input by writing the General Purpose I/O Configuration Register (GPI- O_CFG) and the General Purpose I/O Data & Direc- tion Register (GPIO_DATA_DIR). Energy Efficient Ethernet Enable Configuration Strap EEEEN VIS (PU) This strap configures the default value of the EEE Enable 2-1 soft-straps. See Note 9. TABLE 3-8: GPIO, LED & CONFIGURATION STRAP PIN DESCRIPTIONS (CONTINUED) Num Pins Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |