Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 39Page - Microchip Technology LAN9354 Datasheet HTML 40Page - Microchip Technology LAN9354 Datasheet HTML 41Page - Microchip Technology LAN9354 Datasheet HTML 42Page - Microchip Technology LAN9354 Datasheet HTML 43Page - Microchip Technology LAN9354 Datasheet HTML 44Page - Microchip Technology LAN9354 Datasheet HTML 45Page - Microchip Technology LAN9354 Datasheet HTML 46Page - Microchip Technology LAN9354 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 43
LAN9354
6.2.3
RESET REGISTERS
6.2.3.1
Reset Control Register (RESET_CTL)
This register contains software controlled resets.
Offset:
1F8h
Size:
32 bits
Note:
This register can be read while the device is in the reset or not ready / power savings states without leaving
the host interface in an intermediate state. If the host interface is in a reset state, returned data may be
invalid.
It is not necessary to read all four bytes of this register. DWORD access rules do not apply to this register.
Bits
Description
Type
Default
31:7
RESERVED
RO
-
6
RESERVED
RO
-
5
RESERVED
RO
-
4
RESERVED
RO
-
3
Virtual PHY Reset (VPHY_RST)
Setting this bit resets the Virtual PHY. When the Virtual PHY is released from
reset, this bit is automatically cleared. All writes to this bit are ignored while
this bit is set.
Note:
This bit is not accessible via the EEPROM Loader’s register
initialization function (Section 12.4.5).
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com