Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 80 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 80 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 76Page - Microchip Technology LAN9354 Datasheet HTML 77Page - Microchip Technology LAN9354 Datasheet HTML 78Page - Microchip Technology LAN9354 Datasheet HTML 79Page - Microchip Technology LAN9354 Datasheet HTML 80Page - Microchip Technology LAN9354 Datasheet HTML 81Page - Microchip Technology LAN9354 Datasheet HTML 82Page - Microchip Technology LAN9354 Datasheet HTML 83Page - Microchip Technology LAN9354 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 487 page
background image
LAN9354
DS00001926B-page 80
 2015 Microchip Technology Inc.
9.2.2.3
Scrambler and PISO
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large narrow-band
peaks. Scrambling the data helps eliminate these peaks and spread the signal power more uniformly over the entire
channel bandwidth. This uniform spectral density is required by FCC regulations to prevent excessive EMI from being
radiated by the physical wiring.
The seed for the scrambler is generated from the PHY address, ensuring that each PHY will have its own scrambler
sequence. For more information on PHY addressing, refer to Section 9.1.1, "PHY Addressing".
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
9.2.2.4
NRZI and MLT-3 Encoding
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a serial 125MHz NRZI
data stream. The NRZI is then encoded to MLT-3. MLT-3 is a tri-level code where a change in the logic level represents
a code bit “1” and the logic output remaining at the same level represents a code bit “0”.
9.2.2.5
100M Transmit Driver
The MLT-3 data is then passed to the analog transmitter, which drives the differential MLT-3 signal on output pins TXPx
and TXNx, to the twisted pair media across a 1:1 ratio isolation transformer. The 10BASE-T and 100BASE-TX signals
pass through the same transformer so that common “magnetics” can be used for both. The transmitter drives into the
100
 impedance of the CAT-5 cable. Cable termination and impedance matching require external components.
00111
/R/
Second nibble of ESD, causes de-asser-
tion of CRS if following /T/, else assertion
of MII Receive Error (RXER)
Sent for falling MII Transmitter Enable
signal (TXEN)
00100
/H/
Transmit Error Symbol
Sent for rising MII Transmit Error (TXER)
00110
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
11001
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00000
/P/
SLEEP, Indicates to receiver that the
transmitter will be going to LPI
Sent due to LPI. Used to tell receiver
before transmitter goes to LPI. Also used
for refresh cycles during LPI.
00001
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00010
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00011
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
00101
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
01000
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
01100
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
10000
/V/
INVALID, MII Receive Error (RXER) if
during MII Receive Data Valid (RXDV)
INVALID
TABLE 9-2:
4B/5B CODE TABLE (CONTINUED)
Code Group
Sym
Receiver Interpretation
Transmitter Interpretation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com