Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 98 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 98 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 94Page - Microchip Technology LAN9354 Datasheet HTML 95Page - Microchip Technology LAN9354 Datasheet HTML 96Page - Microchip Technology LAN9354 Datasheet HTML 97Page - Microchip Technology LAN9354 Datasheet HTML 98Page - Microchip Technology LAN9354 Datasheet HTML 99Page - Microchip Technology LAN9354 Datasheet HTML 100Page - Microchip Technology LAN9354 Datasheet HTML 101Page - Microchip Technology LAN9354 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 487 page
background image
LAN9354
DS00001926B-page 98
 2015 Microchip Technology Inc.
9.2.15.2
Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables of up to 120 meters. If there is an
active 100 Mb link, the approximate distance to the link partner can be estimated using the PHY x Cable Length Register
(PHY_CABLE_LEN_x). If the cable is properly terminated, but there is no active 100 Mb link (the link partner is disabled,
nonfunctional, the link is at 10 Mb, etc.), the cable length cannot be estimated and the PHY x Cable Length Register
(PHY_CABLE_LEN_x) should be ignored. The estimated distance to the link partner can be determined via the Cable
Length (CBLN) field of the PHY x Cable Length Register (PHY_CABLE_LEN_x) using the lookup table provided in
Table 9-9. The typical cable length measurement margin of error for a matched cable case is +/- 20 m. The matched
cable length margin of error is consistent for all cable types from 0 to 120 m.
CAT 5 Cable, 0-100 m
13
3
CAT 6 Cable, 101-160 m
14
6
CAT 5E Cable, 101-160 m
8
6
CAT 5 Cable, 101-160 m
20
6
TABLE 9-8:
TYPICAL MEASUREMENT ERROR FOR SHORTED CABLE (+/- METERS)
PHYSICAL DISTANCE
TO FAULT
SELECTED PROPAGATION CONSTANT
PSHORT =
Unknown
PSHORT =
CAT 6
PSHORT =
CAT 5E
PSHORT =
CAT 5
CAT 6 Cable, 0-100 m
85
CAT 5E Cable, 0-100 m
5
5
CAT 5 Cable, 0-100 m
11
2
CAT 6 Cable, 101-160 m
14
6
CAT 5E Cable, 101-160 m
7
6
CAT 5 Cable, 101-160 m
11
3
TABLE 9-9:
MATCH CASE ESTIMATED CABLE LENGTH (CBLN) LOOKUP
CBLN Field Value
Estimated Cable Length
0 - 3
0
46
517
627
738
849
959
10
70
11
81
TABLE 9-7:
TYPICAL MEASUREMENT ERROR FOR OPEN CABLE (+/- METERS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com