Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 26Page - Microchip Technology LAN9354 Datasheet HTML 27Page - Microchip Technology LAN9354 Datasheet HTML 28Page - Microchip Technology LAN9354 Datasheet HTML 29Page - Microchip Technology LAN9354 Datasheet HTML 30Page - Microchip Technology LAN9354 Datasheet HTML 31Page - Microchip Technology LAN9354 Datasheet HTML 32Page - Microchip Technology LAN9354 Datasheet HTML 33Page - Microchip Technology LAN9354 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 487 page
background image
LAN9354
DS00001926B-page 30
 2015 Microchip Technology Inc.
FIGURE 5-1:
REGISTER ADDRESS MAP
000h
100h
2F8h
Switch CSR Direct Data Registers
200h
1588 Registers
Virtual PHY
1C0h
1DCh
18Ch
Switch Fabric Indirect Access
1ACh
1B0h
0A4h
0A8h
PHY Management Interface
Test
0E0h
0FCh
GPIO
1E0h
1E8h
3FFh
Interrupts
054h
05Ch
Switch Fabric Flow Control
1A0h
1A8h
EEPROM
1B4h
1B8h
GP Timer and Free Run Counter
09Ch
08Ch
LED Configuration
1BCh
Note: Not all registers are shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com