Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 83 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 83 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 79Page - Microchip Technology LAN9354 Datasheet HTML 80Page - Microchip Technology LAN9354 Datasheet HTML 81Page - Microchip Technology LAN9354 Datasheet HTML 82Page - Microchip Technology LAN9354 Datasheet HTML 83Page - Microchip Technology LAN9354 Datasheet HTML 84Page - Microchip Technology LAN9354 Datasheet HTML 85Page - Microchip Technology LAN9354 Datasheet HTML 86Page - Microchip Technology LAN9354 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 83
LAN9354
In half-duplex mode the transceiver loops back the transmitted data, on the receive path. This does not confuse the
MAC/Controller since the COL signal is not asserted during this time. The transceiver also supports the SQE (Heartbeat)
signal.
9.2.4.2
Manchester Encoding
The 4-bit wide data is sent to the 10M TX block. The nibbles are converted to a 10Mbps serial NRZI data stream. The
10M PLL produces a 20MHz clock. This is used to Manchester encode the NRZ data stream. When no data is being
transmitted (internal MII TXEN is low), the 10M TX Driver block outputs Normal Link Pulses (NLPs) to maintain commu-
nications with the remote link partner.
9.2.4.3
10M Transmit Drivers
The Manchester encoded data is sent to the analog transmitter where it is shaped and filtered before being driven out
as a differential signal across the TXPx and TXNx outputs.
9.2.5
10BASE-T RECEIVE
The 10BASE-T receiver gets the Manchester-encoded analog signal from the cable via the magnetics. It recovers the
receive clock from the signal and uses this clock to recover the NRZI data stream. This 10M serial data is converted to
4-bit data nibbles which are passed to the controller across the internal MII at a rate of 2.5MHz.
10BASE-T reception uses the following blocks:
• Filter and SQUELCH (analog)
• 10M PLL (analog)
• RX 10M (digital)
• MII (digital)
9.2.5.1
10M Receive Input and Squelch
The Manchester signal from the cable is fed into the transceiver (on inputs RXPx and RXNx) via 1:1 ratio magnetics. It
is first filtered to reduce any out-of-band noise. It then passes through a SQUELCH circuit. The SQUELCH is a set of
amplitude and timing comparators that normally reject differential voltage levels below 300mV and detect and recognize
differential voltages above 585mV.
9.2.5.2
Manchester Decoding
The output of the SQUELCH goes to the 10M RX block where it is validated as Manchester encoded data. The polarity
of the signal is also checked. If the polarity is reversed (local RXP is connected to RXN of the remote partner and vice
versa), the condition is identified and corrected. The reversed condition is indicated by the 10Base-T Polarity State
(XPOL) bit in PHY x Special Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x). The 10M
PLL is locked onto the received Manchester signal, from which the 20MHz clock is generated. Using this clock, the Man-
chester encoded data is extracted and converted to a 10MHz NRZI data stream. It is then converted from serial to 4-bit
wide parallel data.
The RX10M block also detects valid 10BASE-T IDLE signals - Normal Link Pulses (NLPs) - to maintain the link.
9.2.5.3
10M Receive Data Across the Internal MII Interface
For reception, the 4-bit data nibbles are sent to the MII MAC Interface block. These data nibbles are clocked to the con-
troller at a rate of 2.5 MHz.
9.2.5.4
Jabber Detection
Jabber is a condition in which a station transmits for a period of time longer than the maximum permissible packet length,
usually due to a fault condition, which results in holding the internal MII TXEN input for a long period. Special logic is
used to detect the jabber state and abort the transmission to the line, within 45 ms. Once TXEN is deasserted, the logic
resets the jabber condition.
The Jabber Detect bit in the PHY x Basic Status Register (PHY_BASIC_STATUS_x) indicates that a jabber condition
was detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com