Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 61 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 61 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 57Page - Microchip Technology LAN9354 Datasheet HTML 58Page - Microchip Technology LAN9354 Datasheet HTML 59Page - Microchip Technology LAN9354 Datasheet HTML 60Page - Microchip Technology LAN9354 Datasheet HTML 61Page - Microchip Technology LAN9354 Datasheet HTML 62Page - Microchip Technology LAN9354 Datasheet HTML 63Page - Microchip Technology LAN9354 Datasheet HTML 64Page - Microchip Technology LAN9354 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 61
LAN9354
EEE_enable_strap_2
Switch Port 2 Energy Efficient Ethernet Enable Strap:
Configures the default value of the Energy Efficient Ethernet
(EEE_ENABLE) bit in the (x=2) Port x MAC Transmit Configu-
ration Register (MAC_TX_CFG_x).
Note:
This has no effect when the PHY is in 100BASE-FX
mode (lack of EEE auto-negotiation results disables
EEE).
Refer to the respective register definition sections for addi-
tional information.
EEEEN
EEE_enable_strap_2
(cont.)
PHY B Energy Efficient Ethernet Enable Strap:
This strap
affects the default value of the following register bits (x=B):
• PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit
of the PHY x EDPD NLP / Crossover Time / EEE Configu-
ration Register (PHY_EDPD_CFG_x)
• 100BASE-TX EEE bit of the PHY x EEE Capability Regis-
ter (PHY_EEE_CAP_x)
• 100BASE-TX EEE bit of the PHY x EEE Advertisement
Register (PHY_EEE_ADV_x)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
EEEEN
speed_strap_0
Note:
speed_strap_0 and
speed_pol_strap_0 share
the same strap register and
EEPROM bit.
Port 0 Virtual PHY Speed Select Strap:
This strap affects
the default value of the following bits in the (x=0) Virtual PHY
Auto-Negotiation Link Partner Base Page Ability Register
(VPHY_AN_LP_BASE_ABILITY):
• 100BASE-X Full Duplex
• 100BASE-X Half Duplex
• 10BASE-T Full Duplex
• 10BASE-T Half Duplex
Refer to Section 9.3.5.6 and Table 9-23 for more information.
This strap also configures the speed for Port 0 when Virtual
Auto-Negotiation fails. Refer to Section 9.2.6.2, "Parallel
Detection," on page 85 for additional information.
Refer to the respective register definition sections for addi-
tional information.
1b
speed_pol_strap_0
Note:
speed_strap_0 and
speed_pol_strap_0 share
the same strap register and
EEPROM bit.
Switch Port 0 Speed Polarity Strap:
This strap determines
the polarity of the P0_SPEED when in Port 0 RMII MAC
mode.
0 = P0_SPEED low means 100Mbps, high means 10Mbps
1 = P0_SPEED high means 100Mbps, low means 10Mbps
Refer to the respective register definition sections for addi-
tional information.
1b
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com