Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 59Page - Microchip Technology LAN9354 Datasheet HTML 60Page - Microchip Technology LAN9354 Datasheet HTML 61Page - Microchip Technology LAN9354 Datasheet HTML 62Page - Microchip Technology LAN9354 Datasheet HTML 63Page - Microchip Technology LAN9354 Datasheet HTML 64Page - Microchip Technology LAN9354 Datasheet HTML 65Page - Microchip Technology LAN9354 Datasheet HTML 66Page - Microchip Technology LAN9354 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 63
LAN9354
7.2
Hard-Straps
Hard-straps are latched upon Power-On Reset (POR) or pin reset (RST#) only. Unlike soft-straps, hard-straps always
have an associated pin and cannot be overridden by the EEPROM Loader. These straps are used as either direct con-
figuration values or as register defaults. Table 7-2 provides a list of all hard-straps and their associated pin. These
straps, along with their pin assignments are also fully defined in Section 3.0, "Pin Descriptions and Configuration," on
page 10.
manual_FC_strap_0
Port 0 Virtual PHY Manual Flow Control Enable Strap:
This
strap affects the default value of the following register bits:
• Asymmetric Pause and Symmetric Pause bits of the Vir-
tual PHY Auto-Negotiation Advertisement Register
(VPHY_AN_ADV)
Refer to the respective register definition sections for addi-
tional information.
0b
TABLE 7-2:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS
Strap Name
Description
Pins
eeprom_size_strap
EEPROM Size Strap:
Configures the EEPROM size range.
A low selects 1K bits (128 x 8) through 16K bits (2K x 8).
A high selects 32K bits (4K x 8) through 512K bits (64K x 8).
E2PSIZE
serial_mngt_mode_strap
Serial Management Mode Strap:
Configures the serial
management mode.
0 = SMI Managed Mode
1 = I2C Managed Mode
Refer to Section 2.0, "General Description," on page 8 for
additional information on the various modes of the device.
MNGT0
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com