Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 81Page - Microchip Technology LAN9354 Datasheet HTML 82Page - Microchip Technology LAN9354 Datasheet HTML 83Page - Microchip Technology LAN9354 Datasheet HTML 84Page - Microchip Technology LAN9354 Datasheet HTML 85Page - Microchip Technology LAN9354 Datasheet HTML 86Page - Microchip Technology LAN9354 Datasheet HTML 87Page - Microchip Technology LAN9354 Datasheet HTML 88Page - Microchip Technology LAN9354 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 85
LAN9354
There are 4 possible matches of the technology abilities. In the order of priority these are:
• 100M Full Duplex (Highest priority)
• 100M Half Duplex
• 10M Full Duplex
• 10M Half Duplex (Lowest priority)
If the full capabilities of the transceiver are advertised (100M, full-duplex), and if the link partner is capable of 10M and
100M, then Auto-Negotiation selects 100M as the highest performance mode. If the link partner is capable of half and
full-duplex modes, then Auto-Negotiation selects full-duplex as the highest performance mode.
Once a capability match has been determined, the link code words are repeated with the acknowledge bit set. Any dif-
ference in the main content of the link code words at this time will cause Auto-Negotiation to re-start. Auto-Negotiation
will also re-start if not all of the required FLP bursts are received.
Writing the PHY x Auto-Negotiation Advertisement Register (PHY_AN_ADV_x) bits [8:5] allows software control of the
capabilities advertised by the transceiver. Writing the PHY x Auto-Negotiation Advertisement Register (PHY_AN_AD-
V_x) does not automatically re-start Auto-Negotiation. The Restart Auto-Negotiation (PHY_RST_AN) bit of the PHY x
Basic Control Register (PHY_BASIC_CONTROL_x) must be set before the new abilities will be advertised. Auto-Nego-
tiation can also be disabled via software by clearing the Auto-Negotiation Enable (PHY_AN) bit of the PHY x Basic Con-
trol Register (PHY_BASIC_CONTROL_x).
9.2.6.1
Pause Flow Control
The Switch Fabric MACs are capable of generating and receiving pause flow control frames per the IEEE 802.3 speci-
fication. The PHY’s advertised pause flow control abilities are set via the Asymmetric Pause and Symmetric Pause bits
of the PHY x Auto-Negotiation Advertisement Register (PHY_AN_ADV_x). This allows the PHY to advertise its flow con-
trol abilities and Auto-Negotiate the flow control settings with its link partner. The default values of these bits are deter-
mined via configuration straps as defined in Section 9.2.20.5, "PHY x Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)," on page 111.
9.2.6.2
Parallel Detection
If the device is connected to a device lacking the ability to Auto-Negotiate (i.e. no FLPs are detected), it is able to deter-
mine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case the link is
presumed to be half-duplex per the IEEE 802.3 standard. This ability is known as “Parallel Detection.” This feature
ensures interoperability with legacy link partners. If a link is formed via parallel detection, then the Link Partner Auto-
Negotiation Able bit of the PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x) is cleared to indicate that the
link partner is not capable of Auto-Negotiation. If a fault occurs during parallel detection, the Parallel Detection Fault bit
of the PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x) is set.
The PHY x Auto-Negotiation Link Partner Base Page Ability Register (PHY_AN_LP_BASE_ABILITY_x) is used to store
the Link Partner Ability information, which is coded in the received FLPs. If the link partner is not Auto-Negotiation capa-
ble, then this register is updated after completion of parallel detection to reflect the speed capability of the link partner.
9.2.6.3
Restarting Auto-Negotiation
Auto-Negotiation can be re-started at any time by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the PHY
x Basic Control Register (PHY_BASIC_CONTROL_x). Auto-Negotiation will also re-start if the link is broken at any time.
A broken link is caused by signal loss. This may occur because of a cable break, or because of an interruption in the
signal transmitted by the Link Partner. Auto-Negotiation resumes in an attempt to determine the new link configuration.
If the management entity re-starts Auto-Negotiation by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x), the device will respond by stopping all transmission/receiv-
ing operations. Once the internal break_link_time is completed in the Auto-Negotiation state-machine (approximately
1200ms), Auto-Negotiation will re-start. In this case, the link partner will have also dropped the link due to lack of a
received signal, so it too will resume Auto-Negotiation.
Auto-Negotiation is also restarted after the EEPROM Loader updates the straps.
9.2.6.4
Disabling Auto-Negotiation
Auto-Negotiation can be disabled by clearing the Auto-Negotiation Enable (PHY_AN) bit of the PHY x Basic Control
Register (PHY_BASIC_CONTROL_x). The transceiver will then force its speed of operation to reflect the information in
the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) (Speed Select LSB (PHY_SPEED_SEL_LSB) and
Duplex Mode (PHY_DUPLEX)). These bits are ignored when Auto-Negotiation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com