Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 44Page - Microchip Technology LAN9354 Datasheet HTML 45Page - Microchip Technology LAN9354 Datasheet HTML 46Page - Microchip Technology LAN9354 Datasheet HTML 47Page - Microchip Technology LAN9354 Datasheet HTML 48Page - Microchip Technology LAN9354 Datasheet HTML 49Page - Microchip Technology LAN9354 Datasheet HTML 50Page - Microchip Technology LAN9354 Datasheet HTML 51Page - Microchip Technology LAN9354 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 487 page
background image
LAN9354
DS00001926B-page 48
 2015 Microchip Technology Inc.
6.3.4.1
Entering Low Power Modes
To enter any of the low power modes (D1 - D3) from normal mode (D0), follow these steps:
1.
Write the PM_MODE and PM_WAKE fields in the Power Management Control Register (PMT_CTRL) to their
desired values
2.
Set the wake-up detection desired per Section 6.3.1, "Wake-Up Event Detection".
3.
Set the appropriate wake-up notification per Section 6.3.2, "Wake-Up (PME) Notification".
4.
Ensure that the device is in a state where it can safely be placed into a low power mode (all packets transmitted,
receivers disabled, packets processed / flushed, etc.)
5.
Set the PM_SLEEP_EN bit in the Power Management Control Register (PMT_CTRL).
Note:
The EEPROM Loader Register Data burst sequence (Section 12.4.5) can be used to achieve an initial
power down state without the need of software by:
•First setting the PHYs into General Purpose Power Down by
setting the PHY_PWR_DWN bit in PHY_BASIC_CONTROL_1/2
via the PMI_DATA / PMI_ACCESS registers.
•Setting the PM_MODE and PM_SLEEP_EN bits in the Power Management Control Register (PMT_C-
TRL).
Upon entering any low power mode, the Device Ready (READY) bit in the Hardware Configuration Register (HW_CFG)
and the Power Management Control Register (PMT_CTRL) is forced low.
6.3.4.2
Exiting Low Power Modes
Exiting from a low power mode can be done manually or automatically.
An automatic wake-up will occur based on the events described in Section 6.3.2, "Wake-Up (PME) Notification". Auto-
matic wake-up is enabled with the Power Management Wakeup (PM_WAKE) bit in the Power Management Control
Register (PMT_CTRL).
A manual wake-up is initiated by the host when:
• an I2C cycle (Start Condition detected) is performed. Although all reads and writes are ignored until the device has
been woken, the host should direct the use a read of the Byte Order Test Register (BYTE_TEST) to wake the
device. Reads and writes to any other addresses should not be attempted until the device is awake.
Note:
Since the I2C bus may have multiple slaves, the device will be woken on a cycle to any slave. This is a sys-
tem level issue which can be solved with appropriate gating logic.
• an SMI cycle (MDC high and MDIO low) is performed. Although all reads and writes are ignored until the device
has been woken, the host should direct the use a read of the Byte Order Test Register (BYTE_TEST) to wake the
device. Reads and writes to any other addresses should not be attempted until the device is awake.
Note:
Since the SMI bus may have multiple slaves, the device will be woken on a cycle to any slave. This is a
system level issue which can be solved with appropriate gating logic.
To determine when the host interface is functional, the Byte Order Test Register (BYTE_TEST) should be polled. Once
the correct pattern is read, the interface can be considered functional. At this point, the Device Ready (READY) bit in
the Hardware Configuration Register (HW_CFG) or the Power Management Control Register (PMT_CTRL) can be
polled to determine when the device is fully awake.
Note
1:
If supplied by the PHYs or externally
2:
PLL is requested to be turned off and will disable if both of the PHYs are in either Energy Detect or General Power Down
3:
PHY clocks are off, external clocks are gated off
Note:
The PM_MODE field cannot be changed at the same time as the PM_SLEEP_EN bit is set and the
PM_SLEEP_EN bit cannot be set at the same time that the PM_MODE field is changed.
Note:
Upon entry into any of the power saving states the host interfaces are not functional.
TABLE 6-2:
POWER MANAGEMENT STATES
Clock Source
D0
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com