Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 16Page - Microchip Technology LAN9354 Datasheet HTML 17Page - Microchip Technology LAN9354 Datasheet HTML 18Page - Microchip Technology LAN9354 Datasheet HTML 19Page - Microchip Technology LAN9354 Datasheet HTML 20Page - Microchip Technology LAN9354 Datasheet HTML 21Page - Microchip Technology LAN9354 Datasheet HTML 22Page - Microchip Technology LAN9354 Datasheet HTML 23Page - Microchip Technology LAN9354 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 487 page
background image
LAN9354
DS00001926B-page 20
 2015 Microchip Technology Inc.
Note 6:
A series terminating resistor is recommended for the best PCB signal integrity.
Note 7:
Configuration strap pins are identified by an underlined symbol name. Configuration strap values are
latched on power-on reset or RST# de-assertion. Refer to Section 7.0, "Configuration Straps," on page 54
for more information.
Note 8:
An external supplemental pull-up may be needed, depending upon the input current loading of the external
MAC/PHY device.
1
Port 0 SMI/MII
Management
Data
Input/Output
P0_MDIO
VIS/VO8
SMI/MII Slave Management Modes:
This is the
management data to/from an external master and is
used to access port 0’s Virtual PHY, the two physical
PHYs and internal registers.
MII Master Management Modes:
This is the man-
agement data to/from an external PHY(s).
Note:
An external pull-up is required when the
SMI or MII management interface is
used, to ensure that the IDLE state of the
MDIO signal is a logic one.
Note:
An external pull-up is recommended
when the SMI or MII management inter-
face is not used, to avoid a floating sig-
nal.
1
Port 0 SMI/MII
Management
Clock
P0_MDC
VIS
SMI/MII Slave Management Modes:
This is the
management clock input from an external master
and is used to access port 0’s Virtual PHY, the two
physical PHYs and internal registers.
Note:
When SMI or MII is not used, an external
pull-down is recommended to avoid a
floating signal.
VO8
MII Master Management Modes:
This is the man-
agement clock output to an external PHY(s).
TABLE 3-6:
I2C MANAGEMENT PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
I2C Slave
Serial Data
Input/Output
I2CSDA
VIS/VOD8
This pin is the I2C serial data input/output from/to
the external master
Note:
This pin must be pulled-up by an exter-
nal resistor at all times.
1
I2C Slave
Serial Clock
I2CSCL
VIS
This pin is the I2C clock input from the external mas-
ter.
Note:
These signals are not driven (high
impedance) until the EEPROM is
loaded.
TABLE 3-5:
SWITCH PORT 0 RMII & CONFIGURATION STRAP PIN DESCRIPTIONS
(CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com