Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 25Page - Microchip Technology LAN9354 Datasheet HTML 26Page - Microchip Technology LAN9354 Datasheet HTML 27Page - Microchip Technology LAN9354 Datasheet HTML 28Page - Microchip Technology LAN9354 Datasheet HTML 29Page - Microchip Technology LAN9354 Datasheet HTML 30Page - Microchip Technology LAN9354 Datasheet HTML 31Page - Microchip Technology LAN9354 Datasheet HTML 32Page - Microchip Technology LAN9354 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 29
LAN9354
5.0
REGISTER MAP
This chapter details the device register map and summarizes the various directly addressable System Control and Sta-
tus Registers (CSRs). Detailed descriptions of the System CSRs are provided in the chapters corresponding to their
function. Additional indirectly addressable registers are available in the various sub-blocks of the device. These regis-
ters are also detailed in their corresponding chapters.
Directly Addressable Registers
• Section 5.1, "System Control and Status Registers," on page 31
Indirectly Addressable Registers
• Section 9.2.20, "Physical PHY Registers," on page 102
• Section 10.7, "Switch Fabric Control and Status Registers," on page 225
Figure 5-1 contains an overall base register memory map of the device. This memory map is not drawn to scale, and
should be used for general reference only. Table 5-1 provides a summary of all directly addressable CSRs and their
corresponding addresses.
Note:
Register bit type definitions are provided in Section 1.3, "Register Nomenclature," on page 7.
Not all device registers are memory mapped or directly addressable. For details on the accessibility of the
various device registers, refer the register sub-sections listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com