Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 60Page - Microchip Technology LAN9354 Datasheet HTML 61Page - Microchip Technology LAN9354 Datasheet HTML 62Page - Microchip Technology LAN9354 Datasheet HTML 63Page - Microchip Technology LAN9354 Datasheet HTML 64Page - Microchip Technology LAN9354 Datasheet HTML 65Page - Microchip Technology LAN9354 Datasheet HTML 66Page - Microchip Technology LAN9354 Datasheet HTML 67Page - Microchip Technology LAN9354 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 487 page
background image
LAN9354
DS00001926B-page 64
 2015 Microchip Technology Inc.
P0_mode_strap[1:0]
Switch Port 0 Mode Strap:
Configures the mode of opera-
tion for Port 0.
00 = (reserved)
01 = (reserved)
10 = RMII MAC Mode
11 = RMII PHY Mode
For the LAN9354 these operating modes result from the fol-
lowing mapping:
Note:
Only RMII is supported.
See Table 7-3 for the combined Port 0 mode strapping.
P0_MODE2
P0_rmii_clock_dir_strap
Switch Port 0 RMII Clock Direction Strap:
Configures the
default value of the RMII Clock Direction bit in the (x=0) Vir-
tual PHY Special Control/Status Register (VPHY_SPE-
CIAL_CONTROL_STATUS).
0 = Input
1 = Output
See Table 7-3 for the combined Port 0 mode strapping.
P0_MODE1
P0_clock_strength_strap
Switch Port 0 Clock Strength Strap: Configures the default
value of the RMII Clock Strength bit in the (x=0) Virtual PHY
Special Control/Status Register (VPHY_SPECIAL_CON-
TROL_STATUS)
0 = 12ma
1 = 16ma
See Table 7-3 for the combined Port 0 mode strapping.
P0_MODE0
TABLE 7-2:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pins
P0_MODE[2]
P0_mode_strap[1:0]
0
10 (RMII MAC)
1
11 (RMII PHY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com