Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 95 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 95 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 91Page - Microchip Technology LAN9354 Datasheet HTML 92Page - Microchip Technology LAN9354 Datasheet HTML 93Page - Microchip Technology LAN9354 Datasheet HTML 94Page - Microchip Technology LAN9354 Datasheet HTML 95Page - Microchip Technology LAN9354 Datasheet HTML 96Page - Microchip Technology LAN9354 Datasheet HTML 97Page - Microchip Technology LAN9354 Datasheet HTML 98Page - Microchip Technology LAN9354 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 95
LAN9354
9.2.13
RESETS
In addition to the chip-level hardware reset (RST#) and Power-On Reset (POR), the PHY supports three block specific
resets. These are discussed in the following sections. For detailed information on all device resets and the reset
sequence refer to Section 6.2, "Resets," on page 38.
9.2.13.1
PHY Software Reset via RESET_CTL
The PHYs can be reset via the Reset Control Register (RESET_CTL). These bits are self clearing after approximately
102 us. This reset does not reload the configuration strap values into the PHY registers.
9.2.13.2
PHY Software Reset via PHY_BASIC_CTRL_x
The PHY can also be reset by setting the Soft Reset (PHY_SRST) bit of the PHY x Basic Control Register (PHY_BA-
SIC_CONTROL_x). This bit is self clearing and will return to 0 after the reset is complete. This reset does not reload the
configuration strap values into the PHY registers.
9.2.13.3
PHY Power-Down Reset
After the PHY has returned from a power-down state, a reset of the PHY is automatically generated. The PHY power-
down modes do not reload or reset the PHY registers. Refer to Section 9.2.10, "PHY Power-Down Modes," on page 90
for additional information.
9.2.14
LINK INTEGRITY TEST
The device performs the link integrity test as outlined in the IEEE 802.3u (clause 24-15) Link Monitor state diagram. The
link status is multiplexed with the 10 Mbps link status to form the Link Status bit in the PHY x Basic Status Register
(PHY_BASIC_STATUS_x) and to drive the LINK LED functions.
The DSP indicates a valid MLT-3 waveform present on the RXPx and RXNx signals as defined by the ANSI X3.263 TP-
PMD standard, to the Link Monitor state-machine, using the internal DATA_VALID signal. When DATA_VALID is
asserted, the control logic moves into a Link-Ready state and waits for an enable from the auto-negotiation block. When
received, the Link-Up state is entered, and the Transmit and Receive logic blocks become active. Should auto-negoti-
ation be disabled, the link integrity logic moves immediately to the Link-Up state when the DATA_VALID is asserted.
To allow the line to stabilize, the link integrity logic will wait a minimum of 330 ms from the time DATA_VALID is asserted
until the Link-Ready state is entered. Should the DATA_VALID input be negated at any time, this logic will immediately
negate the Link signal and enter the Link-Down state.
When the 10/100 digital block is in 10BASE-T mode, the link status is derived from the 10BASE-T receiver logic.
9.2.15
CABLE DIAGNOSTICS
The PHYs provide cable diagnostics which allow for open/short and length detection of the Ethernet cable. The cable
diagnostics consist of two primary modes of operation:
• Time Domain Reflectometry (TDR) Cable Diagnostics
TDR cable diagnostics enable the detection of open or shorted cabling on the TX or RX pair, as well as cable
length estimation to the open/short fault.
• Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables.
Refer to the following sub-sections for details on proper operation of each cable diagnostics mode.
Note:
Only a hardware reset (RST#) or Power-On Reset (POR) will automatically reload the configuration strap
values into the PHY registers.
The Digital Reset (DIGITAL_RST) bit in the Reset Control Register (RESET_CTL) does not reset the
PHYs. The Digital Reset (DIGITAL_RST) bit will cause the EEPROM Loader to reload the configuration
strap values into the PHY registers and to reset all other PHY registers to their default values. An EEPROM
RELOAD command via the EEPROM Command Register (E2P_CMD) also has the same effect.
For all other PHY resets, PHY registers will need to be manually configured via software.
Note:
Cable diagnostics are not used for 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com