Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 7Page - Microchip Technology LAN9354 Datasheet HTML 8Page - Microchip Technology LAN9354 Datasheet HTML 9Page - Microchip Technology LAN9354 Datasheet HTML 10Page - Microchip Technology LAN9354 Datasheet HTML 11Page - Microchip Technology LAN9354 Datasheet HTML 12Page - Microchip Technology LAN9354 Datasheet HTML 13Page - Microchip Technology LAN9354 Datasheet HTML 14Page - Microchip Technology LAN9354 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 11
LAN9354
Table 3-1 details the 56-QFN package pin assignments in table format. As shown, select pin functions may change
based on the device’s mode of operation. For modes where a specific pin has no function, the table cell will be marked
with “-”.
TABLE 3-1:
56-QFN PACKAGE PIN ASSIGNMENTS
Pin
Number
Pin Name
1
OSCI
2
OSCO
3
OSCVDD12
4
OSCVSS
5
VDD33
6
VDDCR
7
REG_EN
8
FXLOSEN
9
FXSDA/FXLOSA/FXSDENA
10
FXSDB/FXLOSB/FXSDENB
11
RST#
12
GPIO7
13
GPIO6
14
VDDIO
15
LED5/GPIO5/PHYADD
16
LED4/GPIO4/1588EN
17
P0_SPEED
18
VDDIO
19
P0_OUTD1/P0_MODE2
20
P0_OUTD0/P0_MODE1
21
P0_OUTDV
22
VDDCR
23
P0_REFCLK/P0_MODE0
24
P0_INDV
25
P0_IND0
26
P0_IND1
27
RESERVED
28
VDDIO
29
LED3/GPIO3/EEEEN
30
P0_DUPLEX
31
VDDIO
32
VDDCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com