Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 13Page - Microchip Technology LAN9354 Datasheet HTML 14Page - Microchip Technology LAN9354 Datasheet HTML 15Page - Microchip Technology LAN9354 Datasheet HTML 16Page - Microchip Technology LAN9354 Datasheet HTML 17Page - Microchip Technology LAN9354 Datasheet HTML 18Page - Microchip Technology LAN9354 Datasheet HTML 19Page - Microchip Technology LAN9354 Datasheet HTML 20Page - Microchip Technology LAN9354 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 17
LAN9354
TABLE 3-5:
SWITCH PORT 0 RMII & CONFIGURATION STRAP PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Port 0 RMII
Input Data 1
P0_IND1
VIS
(PD)
RMII MAC Mode:
This pin is the receive data 1 bit
from the external PHY to the switch.
VIS
(PD)
RMII PHY Mode:
This pin is the transmit data 1 bit
from the external MAC to the switch. The pull-down
and input buffer are disabled when the Isolate
(VPHY_ISO) bit is set in the Port 0 Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL).
1
Port 0 RMII
Input Data 0
P0_IND0
VIS
(PD)
RMII MAC Mode:
This pin is the receive data 0 bit
from the external PHY to the switch.
VIS
(PD)
RMII PHY Mode:
This pin is the transmit data 0 bit
from the external MAC to the switch. The pull-down
and input buffer are disabled when the Isolate
(VPHY_ISO) bit is set in the Port 0 Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL).
1
Port 0 RMII
Input Data Valid
P0_INDV
VIS
(PD)
RMII MAC Mode:
This pin is the CRS_DV signal
from the external PHY.
VIS
(PD)
RMII PHY Mode:
This pin is the TX_EN signal from
the external MAC and indicates valid data on
P0_IND[1:0]. The pull-down and input buffer are dis-
abled when the Isolate (VPHY_ISO) bit is set in the
Port 0 Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL).
1
Port 0 RMII
Output Data 1
P0_OUTD1
VO8
RMII MAC Mode:
This pin is the transmit data 1 bit
from the switch to the external PHY.
VO8
RMII PHY Mode:
This pin is the receive data 1 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Port 0 Virtual PHY Basic Control Regis-
ter (VPHY_BASIC_CTRL).
Port 0 Mode[2]
Configuration
Strap
P0_MODE2
VIS
(PU)
Note 8
This strap configures the mode for Port 0. See
Note 7.
Refer to Table 7-3, “Port 0 Mode Strap Mapping,” on
page 66 for the Port 0 strap settings.
1
Port 0 RMII
Output Data 0
P0_OUTD0
VO8
RMII MAC Mode:
This pin is the transmit data 0 bit
from the switch to the external PHY.
VO8
RMII PHY Mode:
This pin is the receive data 0 bit
from the switch to the external MAC. The output
driver is disabled when the Isolate (VPHY_ISO) bit
is set in the Port 0 Virtual PHY Basic Control Regis-
ter (VPHY_BASIC_CTRL).
Port 0 Mode[1]
Configuration
Strap
P0_MODE1
VIS
(PU)
Note 8
This strap configures the mode for Port 0. See
Note 7.
Refer to Table 7-3, “Port 0 Mode Strap Mapping,” on
page 66 for the Port 0 strap settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com