Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 14Page - Microchip Technology LAN9354 Datasheet HTML 15Page - Microchip Technology LAN9354 Datasheet HTML 16Page - Microchip Technology LAN9354 Datasheet HTML 17Page - Microchip Technology LAN9354 Datasheet HTML 18Page - Microchip Technology LAN9354 Datasheet HTML 19Page - Microchip Technology LAN9354 Datasheet HTML 20Page - Microchip Technology LAN9354 Datasheet HTML 21Page - Microchip Technology LAN9354 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 487 page
background image
LAN9354
DS00001926B-page 18
 2015 Microchip Technology Inc.
1
Port 0 RMII
Output Data
Valid
P0_OUTDV
VO8
RMII MAC Mode:
This pin is the TX_EN signal to
the external PHY.
VO8
RMII PHY Mode:
This pin is the CRS_DV signal to
the external MAC. The output driver is disabled
when the Isolate (VPHY_ISO) bit is set in the Port 0
Virtual PHY Basic Control Register (VPHY_BA-
SIC_CTRL).
1
Port 0 Speed
P0_SPEED
VIS
(PU)
RMII MAC Mode:
This pin can be changed at any
time (live value) and is typically tied to the speed
indication from the external PHY. It can be overrid-
den by the Speed Select LSB (VPHY_-
SPEED_SEL_LSB) bit in the Port 0 Virtual PHY
Basic Control Register (VPHY_BASIC_CTRL) by
clearing the Auto-Negotiation (VPHY_AN) bit in the
same register.
The polarity of this pin is determined by the
speed_pol_strap_0.
-
RMII PHY Mode:
This pin is not used.
1
Port 0 RMII
Duplex
P0_DUPLEX
VIS
(PU)
RMII MAC Mode:
This pin can be changed at any
time (live value) and is typically tied to the duplex
indication from the external PHY. It can be overrid-
den by the Duplex Mode (VPHY_DUPLEX) bit in the
Port 0 Virtual PHY Basic Control Register
(VPHY_BASIC_CTRL) by clearing the Auto-Negoti-
ation (VPHY_AN) bit in the same register.
The polarity of this pin is determined by the duplex-
_pol_strap_0.
-
RMII PHY Mode:
This pin is not used.
TABLE 3-5:
SWITCH PORT 0 RMII & CONFIGURATION STRAP PIN DESCRIPTIONS
(CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com