Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 77 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 77 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 73Page - Microchip Technology LAN9354 Datasheet HTML 74Page - Microchip Technology LAN9354 Datasheet HTML 75Page - Microchip Technology LAN9354 Datasheet HTML 76Page - Microchip Technology LAN9354 Datasheet HTML 77Page - Microchip Technology LAN9354 Datasheet HTML 78Page - Microchip Technology LAN9354 Datasheet HTML 79Page - Microchip Technology LAN9354 Datasheet HTML 80Page - Microchip Technology LAN9354 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 77
LAN9354
9.0
ETHERNET PHYS
9.1
Functional Overview
The device contains Physical PHYs A and B, and a Virtual PHY.
The A and B Physical PHYs are identical in functionality. Physical PHY A connects to the Switch Fabric Port 1. Physical
PHY B connects to. These PHYs interface with their respective MAC via an internal MII interface.
The Virtual PHY provides the virtual functionality of a PHY and allows connection of an external MAC to Port 0 of the
switch fabric as if it was connected to a single port PHY.
The Physical PHYs comply with the IEEE 802.3 Physical Layer for Twisted Pair Ethernet and can be configured for full/
half duplex 100 Mbps (100BASE-TX / 100BASE-FX) or 10 Mbps (10BASE-T) Ethernet operation. All PHY registers fol-
low the IEEE 802.3 (clause 22.2.4) specified MII management register set and are fully configurable.
The device Ethernet PHYs are discussed in detail in the following sections:
• Section 9.2, "Physical PHYs A & B," on page 77
• Section 9.3, "Virtual PHY," on page 163
9.1.1
PHY ADDRESSING
Each individual PHY is assigned a default PHY address via the phy_addr_sel_strap configuration strap as shown in
Table 9-1.
In addition, the addresses for Physical PHY A and B can be changed via the PHY Address (PHYADD) field in the PHY
x Special Modes Register (PHY_SPECIAL_MODES_x). For proper operation, the addresses for the Virtual PHY and
Physical PHYs A and B must be unique. No check is performed to assure each PHY is set to a different address.
9.2
Physical PHYs A & B
The device integrates two IEEE 802.3 PHY functions. The PHYs can be configured for either 100 Mbps copper
(100BASE-TX), 100 Mbps fiber (100BASE-FX) or 10 Mbps copper (10BASE-T) Ethernet operation and include Auto-
Negotiation and HP Auto-MDIX.
9.2.1
FUNCTIONAL DESCRIPTION
Functionally, each PHY can be divided into the following sections:
• 100BASE-TX Transmit and 100BASE-TX Receive
• 10BASE-T Transmit and 10BASE-T Receive
• Auto-Negotiation
• HP Auto-MDIX
• PHY Management Control and PHY Interrupts
• PHY Power-Down Modes and Energy Efficient Ethernet
• Wake on LAN (WoL)
• Resets
TABLE 9-1:
DEFAULT PHY SERIAL MII ADDRESSING
phy_addr_sel_strap
Virtual PHY Default
Address Value
PHY A Default
Address Value
PHY B Default
Address Value
00
1
2
11
2
3
Note:
Because the Physical PHYs A and B are functionally identical, this section will describe them as the “Phys-
ical PHY x”, or simply “PHY”. Wherever a lowercase “x” has been appended to a port or signal name, it can
be replaced with “A” or “B” to indicate the PHY A or PHY B respectively. In some instances, a “1” or a “2”
may be appropriate instead. All references to “PHY” in this section can be used interchangeably for both
the Physical PHYs A and B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com