Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 29Page - Microchip Technology LAN9354 Datasheet HTML 30Page - Microchip Technology LAN9354 Datasheet HTML 31Page - Microchip Technology LAN9354 Datasheet HTML 32Page - Microchip Technology LAN9354 Datasheet HTML 33Page - Microchip Technology LAN9354 Datasheet HTML 34Page - Microchip Technology LAN9354 Datasheet HTML 35Page - Microchip Technology LAN9354 Datasheet HTML 36Page - Microchip Technology LAN9354 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 33
LAN9354
180h
1588 TX One-Step Sync Upper Seconds Register (1588_TX_ONE_STEP_SYNC_SEC)
184h
1588 Port x RX Pdelay_Req Ingress Correction Field Low Register (1588_RX_PDREQ_CF_LOW_x)
188h
1588 Port x RX Checksum Dropped Count Register (1588_RX_CHKSUM_DROPPED_CNT_x)
18Ch
1588 Port x RX Filtered Count Register (1588_RX_FILTERED_CNT_x)
Switch Registers
1A0h
Port 1 Manual Flow Control Register (MANUAL_FC_1)
1A4h
Port 2 Manual Flow Control Register (MANUAL_FC_2)
1A8h
Port 0 Manual Flow Control Register (MANUAL_FC_0)
1ACh
Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA)
1B0h
Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD)
EEPROM/LED Registers
1B4h
EEPROM Command Register (E2P_CMD)
1B8h
EEPROM Data Register (E2P_DATA)
1BCh
LED Configuration Register (LED_CFG)
Virtual PHY Registers
1C0h
Virtual PHY Basic Control Register (VPHY_BASIC_CTRL)
1C4h
Virtual PHY Basic Status Register (VPHY_BASIC_STATUS)
1C8h
Virtual PHY Identification MSB Register (VPHY_ID_MSB)
1CCh
Virtual PHY Identification LSB Register (VPHY_ID_LSB)
1D0h
Virtual PHY Auto-Negotiation Advertisement Register (VPHY_AN_ADV)
1D4h
Virtual PHY Auto-Negotiation Link Partner Base Page Ability Register (VPHY_AN_LP_BASE_ABIL-
ITY)
1D8h
Virtual PHY Auto-Negotiation Expansion Register (VPHY_AN_EXP)
1DCh
Virtual PHY Special Control/Status Register (VPHY_SPECIAL_CONTROL_STATUS)
GPIO Registers
1E0h
General Purpose I/O Configuration Register (GPIO_CFG)
1E4h
General Purpose I/O Data & Direction Register (GPIO_DATA_DIR)
1E8h
General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN)
Switch Fabric MAC Address Registers
1F0h
Switch Fabric MAC Address High Register (SWITCH_MAC_ADDRH)
1F4h
Switch Fabric MAC Address Low Register (SWITCH_MAC_ADDRL)
Reset Register
1F8h
Reset Control Register (RESET_CTL)
Switch Fabric CSR Interface Direct Data Registers
200h-2F8h
Switch Fabric CSR Interface Direct Data Registers (SWITCH_CSR_DIRECT_DATA)
TABLE 5-1:
SYSTEM CONTROL AND STATUS REGISTERS (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com